Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS1880 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1880
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1880 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1880 Datasheet HTML 1Page - Vectron International, Inc TFS1880 Datasheet HTML 2Page - Vectron International, Inc TFS1880 Datasheet HTML 3Page - Vectron International, Inc TFS1880 Datasheet HTML 4Page - Vectron International, Inc TFS1880 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs1880.doc
Version 1.4
22.02.2005
VI TELEFILTER
Filter specification
TFS 1880
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
for input:
50
for output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1880 MHz without any tolerance or limit.
The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
3,4
dB
max.
5
dB
(reference level)
Nominal frequency
fN
1880
MHz
Centre frequency
fC
1880
MHz
Passband
PB
80,5
MHz
fN
±
30
MHz
Pass band ripple
0,6
dB
max.
3,5
dB
Absolute attenuation
aabs
10
MHz
… 1720
MHz
33
dB
min.
30
dB
1930
MHz
… 1935
MHz
17
dB
min.
13
dB
1935
MHz
… 1990
MHz
41
dB
min.
20
dB
2032
MHz
… 2340
MHz
41
dB
min.
35
dB
2340
MHz
… 2700
MHz
37
dB
min.
30
dB
2700
MHz
… 3500
MHz
12
dB
min.
10
dB
VSWR within PB
2,5
max.
3,0 : 1
Input power level
max.
13
dBm
Operating temperature range
OTR
-
- 10 °C ... + 70°C
Storage temperature range
-
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf **
-36
ppm/K
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS1880

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1880 VECTRON-TFS1880 Datasheet
75Kb / 5P
   Preliminary Specification
TFS1880D VECTRON-TFS1880D Datasheet
85Kb / 6P
   Vectron International Filter specification
More results

Similar Description - TFS1880

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com