Electronic Components Datasheet Search |
|
TX-3090-EAB-13SX Datasheet(PDF) 6 Page - Vectron International, Inc |
|
TX-3090-EAB-13SX Datasheet(HTML) 6 Page - Vectron International, Inc |
6 / 6 page Ordering Information TX - 309 0 - D E E - 13S X - 10M0000000 Product Family TX: TCXO Package 20 x 20 mm Height 0: B0.5” Supply Voltage A: 15 Vdc D: 5 Vdc E: 3.3 Vdc Frequency Platform Code Output Power (1st digit) 0: +3 dBm 1: +7 dBm Stability (2 digit) 0: ±1ppm 1: ±2ppm 2: ±4ppm 3: ±10ppm Screening (3 digit) S: Class “S” Level Screening R: Class “S”, Class B components C: “C” Class B modi ed B: Class “B” Level Screening E: Engineering Model Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 2/23/2009 daf For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 RF Output Code A: CMOS E: Sinewave Temperature Range B: -55°C to +105°C E: -40°C to +85°C J: -20°C to +70°C P: 0°C to +50°C Notes: Contact factory for improved stabilities or additional product options. Not all options and codes are available at all 1. frequencies. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency 2. control voltage, load, temperature (25°C). Phase noise degrades with increasing output frequency. 3. Subject to technical modi cation. 4. Contact factory for availability. 5. Platform Code X: Not Used |
Similar Part No. - TX-3090-EAB-13SX |
|
Similar Description - TX-3090-EAB-13SX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |