Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXO-05032 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # SXO-05032
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SXO-05032 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SXO-05032 Datasheet HTML 1Page - PETERMANN-TECHNIK SXO-05032 Datasheet HTML 2Page - PETERMANN-TECHNIK SXO-05032 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- CHEAPEST AVAILABLE SMD-CLOCK-OSCILLATOR
- FREQUENCY STABILITY TO +-15 PPM AVAILABLE
- SUPPLY VOLTAGE OF 5.0, 3.3, 2.5 AND 1.8 VDC AVAILABLE
- NEW STANDARD FOR SMALL LOW COST OSCILLATORS
- EXTENDED WORKING TEMPERATURE RANGE TO -40/+105°C AVAILABLE
SMD-LOW-COST CLOCK-OSCILLATOR SERIES
SXO-05032
PACKAGE
Ceramic package 5.0 x 3.2 x 1.2 mm³
FREQUENCY RANGE
5.0 VOLT
1.0 ~ 125.0 MHz
3.3 VOLT
1.0 ~ 125.0 MHz
1.8 VOLT
1.0 ~ 100.0 MHz
FREQUENCY STABILITY
+-15 ~ +-100 PPM
AGING
+-2 ppm max. per year
OPERATING TEMPERATURE RANGE
-10/+60°C ~ -40/+105°C
STORAGE TEMPERATURE RANGE
-55/+125°C
INPUT
VOLTAGE
+1.8 VDC +-5%
+3.3 VDC +-10%
+5.0 VDC +-10%
CURRENT
1.0 ~ 4.0 MHz = 10 mA max.
1.0 ~ 4.0 MHz = 10 mA max.
1.0 ~ 4.0 MHz = 10 mA max.
4.0 ~ 32.0 MHz = 20 mA max.
4.0 ~ 32.0 MHz = 20 mA max.
4.0 ~ 32.0 MHz = 30 mA max.
32.0 ~ 80.0 MHz = 30 mA max.
32.0 ~ 80.0 MHz = 30 mA max.
32.0 ~ 80.0 MHz = 45 mA max.
80.0 ~ 100.0 MHz = 40 mA max.
80.0 ~ 100.0 MHz = 40 mA max.
80.0 ~ 100.0 MHz = 80 mA max.
Lower input currents are available on request.
Please indicate the special value when required.
OUTPUT
SYMMETRY
STANDARD
40/60%
OPTION
45/55%
RISE AND FALL TIME
5 ns typical / 10 ns max.
"0" LEVEL
TTL 5 VOLT
0.4 V max.
"1" LEVEL
+2.4 V min.
"0" LEVEL
CMOS 5 VOLT
10% VDD max.
"1" LEVEL
90% VDD min.
"0" LEVEL
TTL 3.3 VOLT
0.4 V max.
"1" LEVEL
+1.4 V min.
"0" LEVEL
CMOS 3.3 VOLT
10% VDD min.
"1" LEVEL
90% VDD max.
"0" LEVEL
CMOS 1.8 VOLT
10% VDD min.
"1" LEVEL
90% VDD max.
LOAD
TTL
1 ~ 10 TTL
CMOS
15 ~ 50 pF (1.8 VDC = 15 pF max.)
PIN 1
STANDARD
WITHOUT ENABLE/DISABLE FUNCTION
OPTION
WITH ENABLE/DISABLE FUNCTION
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
REV.02 / March 2008
http://www.petermann-technik.com | info@petermann-technik.com


Similar Part No. - SXO-05032

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - SXO-05032

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com