Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXO18-03025 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # SXO18-03025
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SXO18-03025 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  SXO18-03025 Datasheet HTML 1Page - PETERMANN-TECHNIK SXO18-03025 Datasheet HTML 2Page - PETERMANN-TECHNIK SXO18-03025 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.petermann-technik.com | info@petermann-technik.com
OUTPUT WAVE FORM CMOS
(CMOS LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
90%VDD
50%VDD
10%VDD
REFLOW SOLDER PROFILE
260°C
150°C
25°C
REF LOW
1 to 9°C/s
PREHEAT IN G
TIME (Seconds)
60
200
10s max
1TO5°C /s
1 to 5°C/s
COOLING
Oscillators can be soldered according to the norm JEDEC J-STD-020C.


Similar Part No. - SXO18-03025

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SXO18-03025-S-E-50-W PETERMANN-SXO18-03025-S-E-50-W Datasheet
888Kb / 3P
   High reliability for low cost
More results

Similar Description - SXO18-03025

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com