Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-700 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-700
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-700 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-700 Datasheet HTML 1Page - Vectron International, Inc TX-700 Datasheet HTML 2Page - Vectron International, Inc TX-700 Datasheet HTML 3Page - Vectron International, Inc TX-700 Datasheet HTML 4Page - Vectron International, Inc TX-700 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Specifications
Frequency Stabilities1
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
For 10, 12.8, 16.384, 20.26 MHz
-0.15
+0.15
ppm
0 to +50°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 20 Years
Overall tolerance
-1.0
-0.2
-0.1
-2.5
-4.6
+1.0
+0.2
+0.1
+2.5
+4.6
ppm
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
V
S
±5%
Load ±10%
Note:*Stratum 3 per GR-1244-CORE:
<±4.6ppm for all causes and 20 years aging,
holdover: <±0.37ppm over 24 hours
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
3.135
3.3
3.465
VDC
Current consumption
6
mA
steady state @ +25°C
RF Output (Clipped Sinewave)
Load R
|| C
9
9
10
10
11
11
pF
Output Power
0.7
V
PP
@ 10kΩ || 10pF
RF Output (HCMOS)
Load
13.5
15
16.5
pF
Signal Level (Vol)
0.3
VDC
with Vs=3.3V and 15pF Load
Signal Level (Voh)
3.0
VDC
with Vs=3.3V and 15pF Load
Rise and Fall time
5
ns
Duty Cycle
40
50
60
%
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Tuning Range
Fixed TCXO; No adjust
Tuning Range for Stability: 807,
287, 157 / Stratum 3 Version
±5.0
±14.0
±20.0
ppm
Tuning Range
±8.0
±14.0
±20.0
ppm
Linearity
10%
Tuning Slope
Positive
Control Voltage Range
Freq. control input impedance
0.3
10
1.65
3.0
VDC
with Vs=3.3V
Enable (instead of EFC)
True table
Pin 1
High
Open
Low
RF_out
Pin 3
Data
Data
High Tristate
Additional Parameters
Phase Noise3
-65
-95
-120
-145
-152
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
@ 10MHz
Weight
8.0 g
Processing & Packing
Handling & Processing Note
Absolute Maximum Ratings
Supply voltage (Vs)
6.0
V
Control Voltage
0
Vs
V
Operable Temperature Range
-40
+85
°C
Storage Temperature Range
-55
+125
°C


Similar Part No. - TX-700

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-700-0012-20M0 VECTRON-TX-700-0012-20M0 Datasheet
321Kb / 5P
   TCXO
TX-7000-EAE-106 VECTRON-TX-7000-EAE-106 Datasheet
269Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-7000-EAE-156 VECTRON-TX-7000-EAE-156 Datasheet
269Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-7000-EAE-157 VECTRON-TX-7000-EAE-157 Datasheet
269Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-7000-EAE-256 VECTRON-TX-7000-EAE-256 Datasheet
269Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-700

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com