Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPE1-B1B-40M000 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VPE1-B1B-40M000
Description  VPE1 14 x 9.8 mm Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VPE1-B1B-40M000 Datasheet(HTML) 2 Page - Vectron International, Inc

  VPE1-B1B-40M000 Datasheet HTML 1Page - Vectron International, Inc VPE1-B1B-40M000 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Dimensions in Millimeters
Jitter Test Circuit
Rev3, 02/27/01


Similar Part No. - VPE1-B1B-40M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPE1 VECTRON-VPE1 Datasheet
116Kb / 2P
   VPE1 14 x 9.8 mm Crystal Oscillators
More results

Similar Description - VPE1-B1B-40M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPE1 VECTRON-VPE1 Datasheet
116Kb / 2P
   VPE1 14 x 9.8 mm Crystal Oscillators
logo
List of Unclassifed Man...
VCE1 ETC1-VCE1 Datasheet
135Kb / 2P
   VCE1 14 x 9.8 mm Crystal Oscillators
logo
Vectron International, ...
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPA1 VECTRON-VPA1 Datasheet
132Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
VPA1-B1B-40M000 VECTRON-VPA1-B1B-40M000 Datasheet
133Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
   14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com