Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWM6935 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWM6935
Description  WirelessUSB LR??Radio Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWM6935 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWM6935_11 Datasheet HTML 1Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 2Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 3Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 4Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 5Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 6Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 7Page - Cypress Semiconductor CYWM6935_11 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY
WirelessUSB LR™ Radio Module
CYWM6935
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134
408-943-2600
Document #: 38-16013 Rev. *A
Revised October 10, 2006
1.0
Features
• The CYWM6935 LR
™ 2.4-GHz DSSS Radio SoC Module
includes radio (CYWUSB6935) , antenna, and all external
components
• Complete Radio Module with Dual PCB Trace Antennas
• Operates in the unlicensed Industrial, Scientific, and Medi-
cal (ISM) band (2.4 GHz–2.483 GHz)
• –95-dBm receive sensitivity
• Up to 0-dBm output power
• Range of up to 50 meters or more
• Data throughput of up to 62.5 kbits/sec
• SPI microcontroller interface (up to 2 MHz data rate)
• Operating voltage from 2.7V to 3.6V
• Small PCBA Design: 0.95” (23.75 mm) by 0.95” (23.75 mm)
by 0.212” (5.3 mm) (L x W x H)
• FCC Modular Approval Grant to meet FCC Part 15, EN 300
328-1, EN 301 489-1, and Industry Canada RSS-210 stan-
dards
• An FCC Module Approval (MA) Grant provides customers
significant cost savings, by allowing customers to adopt the
CYWM6935 FCC ID into their own products
2.0
Functional Description
The CYWM6935 WirelessUSB LR
™ Radio Module offers a
complete radio module solution for integration into existing or
new 2.4-GHz products.
The CYWM6935 is tested for functional operation and is
FCC/ETSI(EU)/Industry pre-certified. The module is supplied
with dual integrated PCB trace antennas.
The CYWM6935 is available in a small PCBA design and can
be mounted horizontally to the device PCB via a 12-pin
header. The pin-out of the header is shown in Figure 5-1.
3.0
Applications
• Consumer / PC
— Locator Alarms
— Presenter Tools
— Remote Controls
—Toys
• Building/Home Automation
— Climate Control
— Lighting Control
— Smart Appliances
— On-Site Paging Systems
— Alarm and Security
• Industrial Control
— Inventory Management
— Factory Automation
— Data Acquisition
— Automatic Meter Reading (AMR)
• Transportation
— Diagnostics
— Remote Keyless Entry
WirelessUSB LR
CYWUSB6935 Silicon
Vcc
13MHz
Crystal
RFOUT
RFIN
PCB Trace
Antenna
CYWUSB6935
3.9 nH
10
12-pin
2mm
header
1.8 pF
10 pF
PCB Trace
Antenna
CYWUSB6935
Vcc
Bypass capacitors
CYWM6935 Module
[+] Feedback


Similar Part No. - CYWM6935_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6935PAEC CYPRESS-CYWM6935PAEC Datasheet
404Kb / 10P
   WirelessUSB??LRPA Radio Module
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
More results

Similar Description - CYWM6935_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6935 CYPRESS-CYWM6935 Datasheet
564Kb / 5P
   WirelessUSB LR Radio Module
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935PAEC CYPRESS-CYWM6935PAEC Datasheet
404Kb / 10P
   WirelessUSB??LRPA Radio Module
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
CYWM6934 CYPRESS-CYWM6934_06 Datasheet
429Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWUSB6941 CYPRESS-CYWUSB6941 Datasheet
197Kb / 14P
   WirelessUSB EX Radio
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYWUSB6953 CYPRESS-CYWUSB6953 Datasheet
209Kb / 7P
   WirelessUSB PRoC Flash Programmable MCU Radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com