Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK22C48 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STK22C48
Description  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK22C48 Datasheet HTML 2Page - Cypress Semiconductor STK22C48 Datasheet HTML 3Page - Cypress Semiconductor STK22C48 Datasheet HTML 4Page - Cypress Semiconductor STK22C48 Datasheet HTML 5Page - Cypress Semiconductor STK22C48 Datasheet HTML 6Page - Cypress Semiconductor STK22C48 Datasheet HTML 7Page - Cypress Semiconductor STK22C48 Datasheet HTML 8Page - Cypress Semiconductor STK22C48 Datasheet HTML 9Page - Cypress Semiconductor STK22C48 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 6 of 17
Preventing Store
The STORE function is disabled by holding HSB high with a
driver capable of sourcing 30 mA at a VOH of at least 2.2 V,
because it must overpower the internal pull-down device. This
device drives HSB LOW for 20 ns at the onset of a STORE.
When the STK22C48 is connected for AutoStore operation
(system VCC connected to VCC and a 68 μF capacitor on VCAP)
and VCC crosses VSWITCH on the way down, the STK22C48
attempts to pull HSB LOW. If HSB does not actually get below
VIL, the part stops trying to pull HSB LOW and abort the STORE
attempt.
Best Practices
nvSRAM products have been used effectively for over 15 years.
While ease of use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites sometimes reprogram these values. Final NV patterns are
typically repeating patterns of AA, 55, 00, FF, A5, or 5A. The
end product’s firmware should not assume that an NV array is
in a set programmed state. Routines that check memory
content values to determine first time system configuration,
cold or warm boot status, and so on must always program a
unique NV pattern (for example, complex 4-byte pattern of 46
E6 49 53 hex or more random bytes) as part of the final system
manufacturing test to ensure these system routines work
consistently.
Power-up boot firmware routines should rewrite the nvSRAM
into the desired state. While the nvSRAM is shipped in a preset
state, best practice is to again rewrite the nvSRAM into the
desired state as a safeguard against events that might flip the
bit inadvertently (program bugs, incoming inspection routines,
and so on).
The VCAP value specified in this data sheet includes a minimum
and a maximum value size. The best practice is to meet this
requirement and not exceed the maximum VCAP value because
the higher inrush currents may reduce the reliability of the
internal pass transistor. Customers who want to use a larger
VCAP value to make sure there is extra store charge should
discuss their VCAP size selection with Cypress.
Figure 4. Current Versus Cycle Time (Read)
Figure 5. Current Versus Cycle Time (Write)
Table 2. Hardware Mode Selection
CE
WE
HSB
A10–A0
Mode
I/O
Power
H
X
H
X
Not selected
Output high Z
Standby
L
H
H
X
Read SRAM
Output data
Active[1]
L
L
H
X
Write SRAM
Input data
Active
X
X
L
X
Nonvolatile STORE
Output high Z
ICC2[2]
Notes
1. I/O state assumes OE < VIL. Activation of nonvolatile cycles does not depend on state of OE.
2. HSB STORE operation occurs only if an SRAM Write is done since the last nonvolatile cycle. After the STORE (If any) completes, the part goes into standby mode,
inhibiting all operations until HSB rises.
[+] Feedback


Similar Part No. - STK22C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48 SIMTEK-STK22C48 Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-N25 SIMTEK-STK22C48-N25 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com