Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT-501-DAE-1060 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VT-501-DAE-1060
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-501-DAE-1060 Datasheet(HTML) 3 Page - Vectron International, Inc

  VT-501-DAE-1060 Datasheet HTML 1Page - Vectron International, Inc VT-501-DAE-1060 Datasheet HTML 2Page - Vectron International, Inc VT-501-DAE-1060 Datasheet HTML 3Page - Vectron International, Inc VT-501-DAE-1060 Datasheet HTML 4Page - Vectron International, Inc VT-501-DAE-1060 Datasheet HTML 5Page - Vectron International, Inc VT-501-DAE-1060 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3
VCXO Feature: The VT-501 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output frequency
needs fine tune or calibration adjustments. This is a high impedance input , 1Mohm, and can be driven with an op-amp or terminated with
adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional device.
“No Adjust” Option: In applications were the VT-501 will not be used in a PLL , or the output frequency does not need fine tune
adjustments, the best device to use would be a VT-501-xxx-xxx0. By using the “no adjust” option, the circuit is simplified as Vc does not
need to be adjusted or set to a predetermined voltage and pin 1 should be grounded (pin 1 can be left open but should not be set to a
voltage such as an RF signal or power supply voltage.
Figure 3 Phase Noise Plot for a 10.000MHz output
VCXO Function
Phase Noise and Alan Deviation Plot
Test Circuit
I
DD
V
DD
V
C
I
C
15pF
4
12
3
.1μF
.01μF
+
-
+
-
t
R
t
F
V
OH
V
OL
50%
On Time
Period
Figure 1 Test Circuit
Figure 2 Duty Cycle, On Time/Period
Figure 4 Alan Deviation Plot for a 10.000MHz output


Similar Part No. - VT-501-DAE-1060

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-501 VECTRON-VT-501_14 Datasheet
707Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTD3
More results

Similar Description - VT-501-DAE-1060

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com