Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-4090-DAE-BCSX Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VX-4090-DAE-BCSX
Description  Hi-Reliability Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-4090-DAE-BCSX Datasheet(HTML) 1 Page - Vectron International, Inc

  VX-4090-DAE-BCSX Datasheet HTML 1Page - Vectron International, Inc VX-4090-DAE-BCSX Datasheet HTML 2Page - Vectron International, Inc VX-4090-DAE-BCSX Datasheet HTML 3Page - Vectron International, Inc VX-4090-DAE-BCSX Datasheet HTML 4Page - Vectron International, Inc VX-4090-DAE-BCSX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VX-409
Hi-Reliability Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Frequency Range: 10 MHZ to 40 MHZ
Previous Model: C1794
Features
Applications
VX-409
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. Temperature Stability (includes
initial accuracy, Load±10% &
Supply±5%)
-40
-30
-25
-20
+40
+30
+25
+20
ppm
ppm
ppm
ppm
-55… +105°C
-40… +85°C
-20… +70°C
0… +50°C
Frequency Deviation
±85 ppm
±75 ppm
±70 ppm
±65 ppm
Initial Accuracy
vs. aging / 1 year
vs. aging / year (following years)
vs. aging / 1 year
vs. aging / year (following years)
-20
-2
-10
-3
-15
+20
+2
+10
+3
+15
ppm
ppm
ppm
ppm
ppm
@+25 C, Control Voltage @ +2.50 VDC
10 to 25 MHz
10 to 25 MHz
26 to 40 MHz
26 to 40 MHz
Supply Voltage (Vs)
Supply voltage
4.75
5.0
5.25
VDC
Current consumption
25
mA
RF Output
Signal
CMOS
Duty Cycle
40
60
%
measured at 50%
Rise\Fall time
5
ns
(10% to 90%) with 2CMOS Loads
Logic Level “0”
+0.5
V
Logic Level “1”
+4.0
V
Performance Speci cations


Similar Part No. - VX-4090-DAE-BCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
   High Temperature Voltage Control Crystal Oscillator
VX-401-DUAL VECTRON-VX-401-DUAL Datasheet
420Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-4090-DAE-BCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-209 VECTRON-VX-209 Datasheet
340Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-509 VECTRON-VX-509 Datasheet
350Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-189 VECTRON-VX-189 Datasheet
373Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
EX-209 VECTRON-EX-209 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-2090-DAE-002S VECTRON-EX-2090-DAE-002S Datasheet
675Kb / 5P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-209 VECTRON-EX-209_12 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-219 VECTRON-EX-219 Datasheet
800Kb / 9P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com