Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-4090-DAB-KCSX Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VX-4090-DAB-KCSX
Description  Hi-Reliability Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-4090-DAB-KCSX Datasheet(HTML) 4 Page - Vectron International, Inc

  VX-4090-DAB-KCSX Datasheet HTML 1Page - Vectron International, Inc VX-4090-DAB-KCSX Datasheet HTML 2Page - Vectron International, Inc VX-4090-DAB-KCSX Datasheet HTML 3Page - Vectron International, Inc VX-4090-DAB-KCSX Datasheet HTML 4Page - Vectron International, Inc VX-4090-DAB-KCSX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Outline Drawing / Enclosure
Pin Connections
1
Electrical Adjust (EFC)
7
Ground (Case)
8
RF Output
14
Supply
Type A
Code
Height “H”
Pin Length
0
0.39”
0.25”


Similar Part No. - VX-4090-DAB-KCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
   High Temperature Voltage Control Crystal Oscillator
VX-401-DUAL VECTRON-VX-401-DUAL Datasheet
420Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-4090-DAB-KCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-209 VECTRON-VX-209 Datasheet
340Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-509 VECTRON-VX-509 Datasheet
350Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-189 VECTRON-VX-189 Datasheet
373Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
EX-209 VECTRON-EX-209 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-2090-DAE-002S VECTRON-EX-2090-DAE-002S Datasheet
675Kb / 5P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-209 VECTRON-EX-209_12 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-219 VECTRON-EX-219 Datasheet
800Kb / 9P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com