Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-704 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VX-704
Description  Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-704 Datasheet(HTML) 2 Page - Vectron International, Inc

  VX-704 Datasheet HTML 1Page - Vectron International, Inc VX-704 Datasheet HTML 2Page - Vectron International, Inc VX-704 Datasheet HTML 3Page - Vectron International, Inc VX-704 Datasheet HTML 4Page - Vectron International, Inc VX-704 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Min
Typ
Max
Units
Condition
Signal
ACMOS
Load
15
50
pF
Signal Level (Vol)
0.5
VDC
with Vs=5.0V and 15pF load
0.3
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
4.5
VDC
with Vs=5.0V and 15pF load
3.0
VDC
with Vs=3.3V and 15pF load
Rise and fall times for ACMOS
(measured 10% to 90%)
10
ns
1.0 to 23.9 MHz
5
ns
24.0 to 79.9 MHz
3
ns
80.0 to 125.0MHz
Duty cycle
45
55
%
@ 50% Vs< 15 MHz
40
60
%
@ 50% Vs >= 15 MHz
Signal
TTL
Load
10
pF
Signal Level (Vol)
0.5
VDC
with Vs=5.0V and 15pF load
Signal Level (Voh)
4.5
VDC
with Vs=5.0V and 15pF load
Rise and fall times for TTL
(measured 0.8V to 2.0V)
5
ns
1.0 to 23.9 MHz
3
ns
24.0 to 125 MHz
Duty cycle
45
55
%
@ 1.4V < 15 MHz
40
60
%
@ 1.4V >= 15 MHz
Signal
PECL
Load
50
ohm
Into Vs-2V or Thevenin Equivalent
Signal Level (Vol)
-1.62
VDC
Signal Level (Voh)
-1.025
VDC
Startup Time
10
ms
Rise and fall times for PECL
(measured 20% to 80%)
1000
ps
< 100 MHz
600
ps
>= 100 MHz
Duty cycle
45
55
%
@ 50% Vdd
40
60
%
@ 50% Vdd
Jitter (rms)
5
ps
BW = 10Hz to 20 MHz
1
ps
BW = 12 kHz to 20 MHz
Period Jitter (pk-pk)
40
ps
10,000 samples- Rising edge
RF Output
http://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100


Similar Part No. - VX-704

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-700 VECTRON-VX-700 Datasheet
473Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700 Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700-ECE-KXAN VECTRON-VX-700-ECE-KXAN Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_11 Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_12 Datasheet
352Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VC-710
More results

Similar Description - VX-704

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com