Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177-140H21SP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 177-140H21SP
Description  Micro-D Hermetic Connectors Solder Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

177-140H21SP Datasheet(HTML) 1 Page - Glenair, Inc.

  177-140H21SP Datasheet HTML 1Page - Glenair, Inc. 177-140H21SP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
I-5
I
HOW TO ORDER SOLDER CUP AND PC TAIL CONNECTORS
Series
Layout
Number of Contacts
Contact Type
Termination Type
177-140H
Micro-D Hermetic Socket
Receptacle, Solder or Weld
Mounting
9
15
21
25
31
37
51
100
S – Socket
S Solder Cup
P PC Tail
Sample Part Number
177-140H
15
S
P
Solder, Braze or Weld these 177-140 hermetic Micro-D
connectors. Featuring a matched glass-to-metal seal,
these socket receptacles are designed for panel mounting.
Kovar® Shells and Contacts comply with applicable MIL-
DTL-83513 requirements and are 100% intermateable
with standard connectors.
Choose 9 to 100 Contacts, with gold-plated contacts and
nickel-plated shells. These connectors feature integral
female jackposts.
HOW TO ORDER PRE-WIRED CONNECTORS
Series
Layout
Contact Type
Wire Gage
(AWG)
Wire Type
Wire Color
Wire Length
Inches
177-704H
9
15
21
25
31
37
51
100
S Socket
6 – #26
8 – #28
0 – #30
K – M22759/11
600 Vrms
Teflon® (TFE)
(Not Available
in #30 AWG)
J – M22759/33
600 Vrms
Modified
Cross-Linked
Tefzel® (ETFE)
1 – White
2 – Yellow
5 – Color-Coded
Stripes Per
MIL-STD-681
(#26 gage
only)
7 – Ten Color
Repeat
18
Wire Length
In Inches. “18”
Specifies 18 Inches.
Sample Part Number
177-704H
25
S
6
K
1
– 18
177-140H and 177-704H
MIL-DTL-83513 Type Micro-D Hermetic Connectors
Solder Mount


Similar Part No. - 177-140H21SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
177-140H21SP GLENAIR-177-140H21SP Datasheet
305Kb / 2P
   Micro-D Hermetic Connectors
More results

Similar Description - 177-140H21SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU_09 Datasheet
444Kb / 3P
   Micro-D Hermetic Connectors
177-140H9SS GLENAIR-177-140H9SS Datasheet
305Kb / 2P
   Micro-D Hermetic Connectors
MS27478 GLENAIR-MS27478 Datasheet
200Kb / 1P
   Solder Mount Hermetic Receptacle
232-100-H5 GLENAIR-232-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
234-100-H5 GLENAIR-234-100-H5 Datasheet
253Kb / 1P
   Solder Mount Hermetic Receptacle
177_859 GLENAIR-177_859 Datasheet
250Kb / 1P
   MIL-DTL-83513 Type Micro-D Hermetic Connectors
D38999-25 GLENAIR-D38999-25 Datasheet
198Kb / 1P
   Solder Mount Hermetic Receptacle
231-100-H5 GLENAIR-231-100-H5 Datasheet
250Kb / 1P
   Solder Mount Hermetic Receptacle
D38999-45 GLENAIR-D38999-45 Datasheet
205Kb / 1P
   Solder Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com