Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187-017110SM Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 187-017110SM
Description  Glenair Fiber Optic Termination Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

187-017110SM Datasheet(HTML) 2 Page - Glenair, Inc.

  187-017110SM Datasheet HTML 1Page - Glenair, Inc. 187-017110SM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M-3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
187-017
Glenair Fiber Optic Termination Kit
for MIL-PRF-29504/4 & /5 Termini (181-001 & 002)
PARTS LIST
Item
No.
Part
Description
Quantity
1
Terminus Procedure (Laminated)
1
2
Pin Termini for 62.5/125 Fiber (181-002-126)
10
3
Socket Termini for 62.5/125 Fiber (181-001-126)
10
4
Polishing Tool, Pin Terminus (182-001P)
1
5
Polishing Tool, Socket Terminus (182-001S)
1
6
Terminus Swabs (Glenair 50/Pkg) (187-024)
1
7
Spare Ceramic Alignment Sleeve (181-001-S)
10
8
Plastic Dust Cover, ST (2.5 mm Dia) (F.I.S.)
10
9
Plastic Dust Cover, Termini (.062” Dia) (CAPLUG)
10
10
Hard Shell Tool Case with Foam (Fibertron)
1
11
Custom Diecut Foam Insert (CHI Case)
1
12
Multi-Cure Oven with Curing Block (9050) (Fibertron)
1
13
D38999 Ferrules Curing Block (Fibertron)
1
14
Microscope, 200X (Noyes)
1
15
Microscope Adapter for D38999 (Noyes)
1
16
Scribe, Fiber (Fibertron)
1
17
Kevlar Shear (Clauss)
1
18
No-Nic Stripper, Gold (Clauss)
1
19
No-Nic Stripper, Blue (Clauss)
1
20
Autocleaner (Netpec)
1
21
Jacket Stripper, T5 (Clauss)
1
22
Alcohol Dispenser, 4 Oz. (F.I.S.)
1
23
Ruler, 6” (Fibertron)
1
24
Diamond Polishing Film, 9 Microm, 6 x 6 (3M)
4
25
Diamond Polishing Film, 3 Micron, 6 x 6 (3M)
6
26
Diamond Polishing Film, 1 Micron, 6 x 6 (3M)
6
27
Resilient Rubber Pad (3M)
1
28
Glass Polishing Plate, 8” x 8” (Fibertron)
1
29
Cleaning Wire (F.I.S.)
1
30
Compressed Air (Fibertron)
1
31
Kim-Wipes (Kimberly-Clark)
1
32
Continuity Test, ST (F.I.S.)
1
33
Epoxy Applicator (Syringe) (Fibertron)
10
34
Mini Foam Swab, 2.5 mm (F.I.S.)
50
35
Tra-Bound Adhesive (Tra-Con)
10
36
Insert/Removal Tool
5
37
LED Source W.D38999 Aptr, 1300nm Wvlngth (Rifocs)
1
38
Power Meter W/D38999 Aptr, 1300nm Wvlngth (Rifocs)
1
39
ST Adapter for Power meter (Rifocs)
1
40
ST Adapter for LED Source (Rifocs)
1
41
Instant Adhesive (Loctite Corp.)
1
Product Series
Basic Number
Voltage
110 or 220
MM = Multimode
SM = Singlemode
187-017 110-MM
FOR USE
WITH
MIL-PRF-29504/4 & /5
TERMINI


Similar Part No. - 187-017110SM

ManufacturerPart #DatasheetDescription
logo
Altech corporation
187-012 ALTECH-187-012 Datasheet
2Mb / 18P
   TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
187-013 ALTECH-187-013 Datasheet
2Mb / 18P
   TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
logo
Glenair, Inc.
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
   Glenair Fiber Optic Termination Kit
187-018110MM GLENAIR-187-018110MM Datasheet
217Kb / 1P
   Glenair Fiber Optic Termination Kit
187-018110SM GLENAIR-187-018110SM Datasheet
217Kb / 1P
   Glenair Fiber Optic Termination Kit
More results

Similar Description - 187-017110SM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
   Glenair Fiber Optic Termination Kit
FA1000-62-85A1-0024A GLENAIR-FA1000-62-85A1-0024A Datasheet
6Mb / 18P
   The Glenair Eye-Beam??Fiber Optic Revolution
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
logo
PANDUIT CORP.
FOCTT2-PKIT PANDUIT-FOCTT2-PKIT Datasheet
159Kb / 1P
   FIBER OPTICAM PREMIUM TERMINATION KIT
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
   LC Fiber Optic Connectors . Field Polish Termination
FSTMABL PANDUIT-FSTMABL Datasheet
176Kb / 1P
   ST Fiber Optic Connectors ??Field Polish Termination
logo
Winchester Electronics ...
SD7760-000-00711Z WINCHESTER-SD7760-000-00711Z Datasheet
116Kb / 1P
   PRE-POLISHED FIBER CONTACT KIT FOR FIBER OPTIC CAMERA JACK
logo
3M Electronics
VF-45 3M-VF-45 Datasheet
1Mb / 32P
   VF-45??Fiber Optic Connector Quick Install Kit
January 2004
logo
Winchester Electronics ...
SD7760-000-00709Z WINCHESTER-SD7760-000-00709Z Datasheet
121Kb / 1P
   KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA JACK
SD7760-000-00708Z WINCHESTER-SD7760-000-00708Z Datasheet
121Kb / 1P
   KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com