Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177-706H25S6J118 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 177-706H25S6J118
Description  Micro-D Hermetic Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

177-706H25S6J118 Datasheet(HTML) 1 Page - Glenair, Inc.

  177-706H25S6J118 Datasheet HTML 1Page - Glenair, Inc. 177-706H25S6J118 Datasheet HTML 2Page - Glenair, Inc. 177-706H25S6J118 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
I-7
I
Fluorosilicone O-Ring eliminates the cost of soldering or
welding the connector to a bulkhead.
Kovar® Shells and Contacts comply with applicable MIL-
DTL-83513 requirements and are 100% intermateable
with standard connectors.
Solder Cup, PC Tail or Pre-Wired and Fully Potted
Suitable for #26 gage wire or smaller, solder cup
versions feature gold-plated contacts. Choose PC tails
for attachment to flex circuits or rigid boards. Solder
cup versions are also available pre-wired and potted.
hoW to oRDER soLDER Cup AND pC tAIL CoNNECtoRs
series
Layout
Number of Contacts
Contact type
termination type
Mounting threads
177-705h
Micro-D Hermetic Socket
Receptacle, Rear Panel Mount with
O-Ring, Solder Cup or PC Tail
9
15
21
25
31
37
51
100
s – Socket
s Solder Cup
p PC Tail
u #4 - 40 UNC
M M3 Metric
Sample Part Number
177-705h
15
s
p
u
hoW to oRDER pRE-WIRED CoNNECtoRs
series
Layout
Contact
type
Wire Gage
(AWG)
Wire type
Wire Color
Wire Length
Inches
177-706h
9
15
21
25
31
37
51
100
s Socket
6 – #26
8 – #28
0 – #30
K – M22759/11
600 Vrms Teflon
(TFE) (Not Available
in #30 AWG)
J – M22759/33
600 Vrms Modified
Cross-Linked Tefzel
(ETFE)
1 – White
2 – Yellow
5 – Color-Coded Stripes Per
MIL-STD-681
(#26 gage only)
7 – Ten Color Repeat
18
Wire Length In Inches.
“18” Specifies 18 Inches.
Sample Part Number
177-706h
25
s
6
K
1
– 18
177-705h and 177-706h
MIL-DtL-83513 type Micro-D hermetic Connectors
Rear panel Mount with o-Ring


Similar Part No. - 177-706H25S6J118

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
177-704H100S0J118 GLENAIR-177-704H100S0J118 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
177-704H100S0J218 GLENAIR-177-704H100S0J218 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
177-704H100S0K118 GLENAIR-177-704H100S0K118 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
177-704H100S6J118 GLENAIR-177-704H100S6J118 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
177-704H100S6K118 GLENAIR-177-704H100S6K118 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
More results

Similar Description - 177-706H25S6J118

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
177-140H9SS GLENAIR-177-140H9SS Datasheet
305Kb / 2P
   Micro-D Hermetic Connectors
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
177_859 GLENAIR-177_859 Datasheet
250Kb / 1P
   MIL-DTL-83513 Type Micro-D Hermetic Connectors
177_140H GLENAIR-177_140H Datasheet
143Kb / 2P
   MIL-DTL-83513 Type Micro-D Hermetic Connectors
177_705H GLENAIR-177_705H Datasheet
489Kb / 3P
   MIL-DTL-83513 Type Micro-D Hermetic Connectors
177_232 GLENAIR-177_232 Datasheet
215Kb / 1P
   MIL-DTL-83513 Type Micro-D Hermetic Connectors
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com