Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-071-NF65 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-071-NF65
Description  Single Channel Fiber Optic Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-071-NF65 Datasheet(HTML) 1 Page - Glenair, Inc.

  180-071-NF65 Datasheet HTML 1Page - Glenair, Inc. 180-071-NF65 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-071 (-6) Plug
Single Channel Fiber Optic Plug Connector
Environment Resistant
for Glenair 181-001 and 181-002 Termini
APPLICATION NOTES
1. Assembly packaged in plastic bag and tag identified with
manufacturer's name and part number.
2. Glenair 180-071 Connector features:
A. Plug Body: Aluminum Alloy (See Table II).
B. O-Ring: Fluorosilicone.
C. Fiber Optic Termini: Glenair 181 Series (Not supplied).
D. Operating Temperature Range: -55°C to +125°C.
3. Metric dimensions (mm) are in parentheses.
Product Series
Basic Number
Finish
(Table II)
6 = Plug
Assembly
Alternate Key Position
(1,2,3,4, & 5) (Table I)
180-071-C 6 1
.375-24 UNF-2A
O-ring
-6
PLUG ASSEMBLY
1.300 (33.0)
Max
.670 (17.0) Max
.375-.05p-.1L-DS-2B
Polarizing
Master
Key
O


Similar Part No. - 180-071-NF65

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-071-NF31 GLENAIR-180-071-NF31 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-NF32 GLENAIR-180-071-NF32 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-NF33 GLENAIR-180-071-NF33 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-NF34 GLENAIR-180-071-NF34 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-NF35 GLENAIR-180-071-NF35 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
More results

Similar Description - 180-071-NF65

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180_071 GLENAIR-180_071_4 Datasheet
322Kb / 2P
   Single Channel Fiber Optic Connector
180_071 GLENAIR-180_071_6 Datasheet
262Kb / 2P
   Single Channel Fiber Optic Connector
180_071 GLENAIR-180_071_3 Datasheet
321Kb / 2P
   Single Channel Fiber Optic Connector
180_053 GLENAIR-180_053_15 Datasheet
222Kb / 1P
   2 Channel Fiber Optic Plug Connector
189-055 GLENAIR-189-055 Datasheet
166Kb / 1P
   Single Channel Fiber Optic Connector Backshell
180-071-C4 GLENAIR-180-071-C4 Datasheet
215Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
180-071-C31 GLENAIR-180-071-C31 Datasheet
224Kb / 2P
   Single Channel Fiber Optic Receptacle Connector
189-047-C-D601-6 GLENAIR-189-047-C-D601-6 Datasheet
34Kb / 2P
   Plug Protective Cover for Single Channel 180-071 Fiber Optic Connector
180-118C06-15-10R GLENAIR-180-118C06-15-10R Datasheet
220Kb / 1P
   Fiber Optic SS15 Plug Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com