Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-091Z108-15 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-091Z108-15
Description  Advanced Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091Z108-15 Datasheet(HTML) 1 Page - Glenair, Inc.

  180-091Z108-15 Datasheet HTML 1Page - Glenair, Inc. 180-091Z108-15 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Product Series
Basic Number
Finish Symbol
(Table II)
Jam Nut Receptacle
180-091 XW 08-17-8 P N
Alternate Key Position per MIL-DTL-38999
A, B, C, D, or E (N = Normal)
Insert Designator
P = Pin
S = Socket
Insert Arrangement (See page B-10)
Shell Size (Table I)
APPLICATION NOTES
1. Material/ Finishes:
Shells, Jam Nut - See Table II
(Composite Jam Nut No Plating Required).
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part number
and date code space permitting.
3. Modified major diameter 31.80-31.95 (1.252-1.257).
4. Insert arrangement in accordance with MIL-STD-1560,
See Page B-10.
5. Insert arrangement shown is for reference only.
6. Blue Color Band indicates rear release retention system.
7. For appropriate Glenair Terminus part numbers see Glenair
Drawing 181-001 and 181-002.
8. Metric dimensions (mm) are in parentheses.
9. Jam nut for composite jam nut mount receptacle is aluminum, and
plated same as connector shell.
10. “XO” finish composite jam nut mount receptacle is supplied with
unplated composite jam nut, and accommodates .093 maximum
panel thickness.
180-091 (08 Jam Nut Mount)
Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style
Red Color Band
.520 Max
Yellow Color Band
Master
Keyway
See Notes 4 and 5
See Note 2
08 - JAM NUT MOUNT RECEPTACLE
.579
.555
(14.7)
(14.1)
1.280 (32.5)
Max
.890 (22.6) Max
V Flat
2X U
T
P Thread
Fully Mated
Indicator Band Red
W Thread
Y Thread
Z
Blue Color Band
(See Note 6)
Panel Thickness .126-.062 (3.2 - 1.6)
o
REV 30 JUNE 2010


Similar Part No. - 180-091Z108-15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091Z106-11 GLENAIR-180-091Z106-11 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091Z106-13 GLENAIR-180-091Z106-13 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091Z106-15 GLENAIR-180-091Z106-15 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091Z106-17 GLENAIR-180-091Z106-17 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091Z106-19 GLENAIR-180-091Z106-19 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
More results

Similar Description - 180-091Z108-15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M05-11-8PA GLENAIR-180-091M05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com