Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-022FT24-6DW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-022FT24-6DW
Description  Bayonet Coupling Jam Nut Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-022FT24-6DW Datasheet(HTML) 2 Page - Glenair, Inc.

  230-022FT24-6DW Datasheet HTML 1Page - Glenair, Inc. 230-022FT24-6DW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-27
D
Ø K
E
PANEL
CUT-OUT
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS (Continued Below)
Shell
Size
A Length
+ .000 - .031
(+0 -0.8)
B Dia
+ .000 - .031
(+0 -0.8)
Across Flange
Corner
C
+.000 - .010
(+0 -0.3)
Mounting
Flat
E
Panel Flat
Location
F
Mounting
Flange
Location
G
Mounting
Flange
Thickness
J
To Thread
Chamfer
± .010 (0.3)
K
+ .010 - .005
(+0.3 -0.1)
Panel
Mounting Hole
8
.954 (24.2)
1.078 (27.4)
.530 (13.5)
.536 (13.6)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5)
.368 (9.3)
.572 (14.5)
10
1.078 (27.4)
1.203 (30.6)
.655 (16.6)
.661 (16.8)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5)
.368 (9.3)
.697 (17.7)
12
1.266 (32.2)
1.391 (35.3)
.818 (20.8)
.824 (20.9)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5)
.368 (9.3)
.885 (22.5)
14
1.391 (35.3)
1.516 (38.5)
.942 (23.9)
.948 (24.1)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5)
.368 (9.3)
1.010 (25.7)
16
1.516 (38.5)
1.641 (41.7)
1.062 (27.0)
1.072 (27.2)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5))
.368 (9.3)
1.135 (28.8)
18
1.641 (41.7)
1.766 (44.9)
1.191 (30.3)
1.197 (30.4)
.887/.867
(22.5/22.0)
.113/.097
(2.9/2.5)
.368 (9.3)
1.260 (32.0)
20
1.828 (46.4)
1.954 (49.6)
1.316 (33.4)
1.322 (33.6)
.916/.896
(23.3/22.8)
.148/.128
(3.8/3.3)
.368 (9.3)
1.385 (35.2)
22
1.954 (49.6)
2.078 (52.8)
1.441 (36.6)
1.447 (36.8)
.916/.896
(23.3/22.8)
.148/.128
(3.8/3.3)
.368 (9.3)
1.510 (38.4)
24
2.078 (52.8)
2.203 (56.0)
1.566 (39.8)
1.572 (39.9)
.916/.896
(23.3/22.8)
.148/.128
(3.8/3.3)
.395 (10.0)
1.635 (41.5)
TABLE I (Continued): CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
L
Overall
Length
N
UNEF-2A
Mounting Thread
P
R
O-Ring Seal
MS29513-
S
Panel Thickness
Max.
Weight
(Lbs)
Min
Max
8 1.078 (27.4)
.5625-24
.134/.074
(3.4/1.9)
16
.062 (1.6) .187 (4.7) TBD
10 1.078 (27.4)
.6875-24
.134/.074
(3.4/1.9)
18
.062 (1.6) .187 (4.7) TBD
12 1.078 (27.4)
.875-20
.134/.074
(3.4/1.9)
21
.062 (1.6) .187 (4.7) TBD
14 1.078 (27.4)
1.000-20
.134/.074
(3.4/1.9)
23
.062 (1.6) .187 (4.7) TBD
16 1.078 (27.4)
1.125-18
.134/.074
(3.4/1.9)
25
.062 (1.6) .187 (4.7) TBD
18 1.078 (27.4)
1.250-18
.134/.074
(3.4/1.9)
27
.062 (1.6) .187 (4.7) TBD
20 1.140 (29.0)
1.375-18
.099/.039
(2.5/1.0)
29
.062 (1.6) .250 (6.4) TBD
22 1.140 (29.0)
1.500-18
.099/.039
(2.5/1.0)
30
.062 (1.6) .250 (6.4) TBD
24 1.140 (29.0)
1.625-18
.099/.009
(2.5/0.2)
31
.062 (1.6) .250 (6.4) TBD
230-022
MIL-DTL-26482 Series II Type Hermetic
Bayonet Coupling Jam Nut Mount Receptacle
with Crimp Removable Contacts • MS3479 Type
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-022FT24-6DW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-02286D GLENAIR-230-02286D Datasheet
327Kb / 2P
   Hermetic Receptacle, Jam-Nut Mount, Crimp Contacts
More results

Similar Description - 230-022FT24-6DW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
449Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P_09 Datasheet
450Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com