Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

237-127 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 237-127
Description  Bayonet Coupling Solder Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-127 Datasheet(HTML) 2 Page - Glenair, Inc.

  237-127 Datasheet HTML 1Page - Glenair, Inc. 237-127 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-13
D
237-127
MIL-DTL-26482 Series I Type Hermetic
Bayonet Coupling Solder Flange Mount Receptacle
with Crimp Removable Rear Sockets (M39029/22 Type)
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell and bayonets:
Z1 - Cres/passivated.
Contacts - Nickel-iron alloy/gold plated.
Hermetic Insulator - Full glass/N.A.
Socket insulator - Rigid dielectric/N.A.
Seals and grommet - Silicone elastomer/N.A.
Removable sockets - Copper alloy/gold plated.
Socket retention clips - Copper alloy/N.A.
Glenair 237-127 is intermatable with any QPL manufacturers
3.
MIL-DTL-26482 plug, shell size 22, arrangement -41 per MIL-
STD-1669, normal position and socket face.
Connector is supplied with crimp-style removable contacts
4.
per M39029/22. Quantity will be sufficient to fully populate
connector plus 1 extra each size.
Hermetic seal is centered in this flange position.
5.
Performance requirements:
6.
Hermeticity - <1 x 10-7 sccHe/se @ 1 Atm. Diff.
DWV - 1500 VAC pin-to-pin or pin-to-shell for 1 minute
without breakdown (Series II requirement).
Temperature range -40° to +100°C.
Metric Dimensions (mm) are indicated in parentheses.
7.
A
B
C
D
E
F
G
H
J
K L
M N P
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
F
G
H
I
J
K
M
N
P
Q
R
S
T
Ø1.870/1.869
(47.50/47.47)
.020
(0.5)
R.079
(2.0)
R.040
(1.0)
R.020 Max
(0.5 Max)
Sharp Corner
No Chamfer
Burr Allowed
.157
(4.0)
150°
VIEW A
See Note 5


Similar Part No. - 237-127

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-133 GLENAIR-237-133 Datasheet
273Kb / 2P
   Square Flange Mount Receptacle
237-153 GLENAIR-237-153 Datasheet
302Kb / 2P
   Hermetic Dual Flange Jam Nut Mount Receptacle
237-165 GLENAIR-237-165 Datasheet
295Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
More results

Similar Description - 237-127

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
433Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com