Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

233-104-00M11-35PA-01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-104-00M11-35PA-01
Description  Wall Mount Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-104-00M11-35PA-01 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-104-00M11-35PA-01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
E-11
E
233-104-00
Wall Mount Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
APPLICATION NOTES
1.
Shell, lock ring, jam
nut—Al alloy, see Table II
Contacts—Copper alloy/
gold plate
Insulators—High grade
rigid dielectric/N.A.
Seals—Silicone/N.A.
2.
For symetrical layouts
only. Power to a given
contact on one end
will result in power to
contact directly opposite,
letter.
3.
Metric Dimensions
(mm) are indicated in
parentheses
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-2A
B DIA.
± 0.010 (0.3)
C DIM.
D DIM.
DIA MAX.
09
.625
.128 (3.3)
.719 (18.3)
.938 (23.8)
.859 (21.8)
11
.750
.128 (3.3)
.812 (20.6)
1.031 (26.2)
.984 (25.0)
13
.875
.128 (3.3)
.906 (23.0)
1.125 (28.6)
1.156 (29.4)
15
1.000
.128 (3.3)
.969 (24.6)
1.219 (31.0)
1.281 (32.5)
17
1.188
.128 (3.3)
1.062 (27.0)
1.312 (33.3)
1.406 (35.7)
19
1.250
.128 (3.3)
1.156 (29.4)
1.438 (36.5)
1.516 (38.5)
21
1.375
.128 (3.3)
1.250 (31.8)
1.562 (39.7)
1.641 (41.7)
23
1.500
.156 (4.0)
1.375 (34.9)
1.688 (42.9)
1.766 (44.9)
25
1.625
.156 (4.0)
1.500 (38.1)
1.812 (46.0)
1.891 (48.0)
C SQ
I NSERT A RRANGEMENTS
SEE MI L- C- 38999 FOR
SQ
D
A THREAD
. 75 REF
. 62
1. 53 MAX
4 PLACES
B DI A
. 125 MAX PANEL ACCOMMODATI ON
( THI S SI DE ONLY)
. 520 MAX.
FULLY MATED I NDI CATOR RED BAND
2 PLACES
1.53 Max
D Sq.
.62
A Thread
.75 Ref
.520 Max
Fully Mated Indicator Red Band
2 Places
B Diameter
4 Places
C Sq.
Style B
Flange Mount
Panel Accomodation
Flange Side
Ref
Insert Arrangement per
MIL-DTL-38999 Series III
MIL-STD-1560
Connector Series
233 - D38999 Series III Type
Contact Termination
P - Pin on Flange Side
S - Socket on Flange Side
Shell Size
09
11
13
15
17
19
21
23
25
233 - 104 - 00 M 11 - 35 P N - 01
Shell Style
00 - Wall Mount
Connector Type
104 - Env. Bulkhead Feed-Thru
Alternate Key
Position
A, B, C, D, E
(
N = Normal)
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Connector Material and Finish
M - Aluminum / Electroless Nickel
NC - Aluminum / Zinc-Cobalt
NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray)
ZN - Aluminum Zinc-Nickel Olive Drab
MT - Aluminum / Ni-PTFE 1000 Hour GreyTM
AL - Aluminum / Pure Electrodeposited Aluminum
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
Panel
Side
Ref


Similar Part No. - 233-104-00M11-35PA-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-104-00M11 GLENAIR-233-104-00M11 Datasheet
396Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results

Similar Description - 233-104-00M11-35PA-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00 GLENAIR-232-104-00 Datasheet
194Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09 Datasheet
396Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-101-0935A GLENAIR-947-101-0935A Datasheet
357Kb / 1P
   Flange Mount Environmental Bulkhead Feed-Thru
233-104-07M09 GLENAIR-233-104-07M09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com