Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4B1G0846G-BCMA Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4B1G0846G-BCMA
Description  1Gb G-die DDR3 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B1G0846G-BCMA Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4B1G0846G-BCMA Datasheet HTML 7Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 8Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 9Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 10Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 11Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 12Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 13Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 14Page - Samsung semiconductor K4B1G0846G-BCMA Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
- 11 -
K4B1G0846G
datasheet
DDR3 SDRAM
Rev. 1.01
K4B1G0446G
6. Absolute Maximum Ratings
6.1 Absolute Maximum DC Ratings
[ Table 4 ] Absolute Maximum DC Ratings
NOTE :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must be not greater than 0.6 x VDDQ, When VDD and VDDQ are less than 500mV; VREF may be
equal to or less than 300mV.
6.2 DRAM Component Operating Temperature Range
[ Table 5 ] Temperature Range
NOTE :
1. Operating Temperature TOPER is the case surface temperature on the center/top side of the DRAM. For measurement conditions, please refer to the JEDEC document
JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. During operation, the DRAM case temperature must be main-
tained between 0-85
°C under all operating conditions
3. Some applications require operation of the Extended Temperature Range between 85
°C and 95°C case temperature. Full specifications are guaranteed in this range, but the
following additional conditions apply:
a) Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to 3.9us.
b) If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual Self-Refresh mode with Extended Temperature
Range capability (MR2 A6 = 0b and MR2 A7 = 1b), in this case IDD6 current can be increased around 10~20% than normal Temperature range.
7. AC & DC Operating Conditions
7.1 Recommended DC operating Conditions (SSTL_1.5)
[ Table 6 ] Recommended DC Operating Conditions
NOTE :
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
Symbol
Parameter
Rating
Units
NOTE
VDD
Voltage on VDD pin relative to Vss
-0.4 V ~ 1.975 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4 V ~ 1.975 V
V
1,3
VIN, VOUT
Voltage on any pin relative to Vss
-0.4 V ~ 1.975 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
Symbol
Parameter
rating
Unit
NOTE
TOPER
Operating Temperature Range
0 to 95
°C
1, 2, 3
Symbol
Parameter
Rating
Units
NOTE
Min.
Typ.
Max.
VDD
Supply Voltage
1.425
1.5
1.575
V
1,2
VDDQ
Supply Voltage for Output
1.425
1.5
1.575
V
1,2


Similar Part No. - K4B1G0846G-BCMA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0846G-BC SAMSUNG-K4B1G0846G-BC Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - K4B1G0846G-BCMA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0446D SAMSUNG-K4B1G0446D Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446C SAMSUNG-K4B1G0446C Datasheet
1Mb / 63P
   1Gb C-die DDR3 SDRAM Specification
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com