Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-215-17-8SB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-215-17-8SB
Description  Jam Nut Mount Hermetic Receptacles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-215-17-8SB Datasheet(HTML) 2 Page - Glenair, Inc.

  257-215-17-8SB Datasheet HTML 1Page - Glenair, Inc. 257-215-17-8SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-43
B
257-215
Jam Nut Mount Hermetic Receptacles
with Crimp Removable Socket Contacts
MIL-DTL-38999 Series III Type
APPLICATION NOTES
1.
Assembly identified with manufacturer’s name and PN, space
permitting.
2.
Material/Finish:
Shell, lock ring, jam nut—stainless steel/passivate
Contacts—alloy 52/gold plate
Sockets—copper alloy/gold plate
Hermetic Insulator—full glass/N.A.
Socket Insulator—rigid dielectric/N.A.
Seals—fluorosilicone/ N.A.
Hermeticity—1x10-7 cc/second
3.
Crimp removable socket contacts to conform to
MIL-C-39029/57-358, size 16, MIL-C-39029/57-357 size
20 and MIL-C-39029/57-354 size 22D (supplied loose)
4.
Metric dimensions (mm) are indicated in parentheses.
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
CODE
A THREAD
0.1 P-0.3L-TS-2A
B THREAD
C THREAD
D
± .016
E
+.004 / -.006
ø F
±.005(0.1)
9
A
0.625
M17X1-6g 0.100R
M12X1-6g 0.100R
1.062
.651
.680(17.3)
11
B
0.750
M20X1-6g 0.100R
M15X1-6g 0.100R
1.252
.751
.789(20.0)
13
C
0.875
M25X1-6g 0.100R
M18X1-6g 0.100R
1.374
.938
.914(23.2)
15
D
1.000
M28X1-6g 0.100R
M22X1-6g 0.100R
1.500
1.062
1.038(26.4)
17
E
1.187
M32X1-6g 0.100R
M25X1-6g 0.100R
1.626
1.187
1.164(29.6)
19
F
1.250
M35X1-6g 0.100R
M28X1-6g 0.100R
1.811
1.312
1.258(32.0)
21
G
1.375
M38X1-6g 0.100R
M31X1-6g 0.100R
1.937
1.437
1.383(35.1)
23
H
1.500
M41X1-6g 0.100R
M34X1-6g 0.100R
2.063
1.562
1.508(38.3)
25
J
1.625
M44X1-6g 0.100R
M37X1-6g 0.100R
2.190
1.687
1.643(41.7)
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
Recommended Panel
Cut-Out
K DIA
N


Similar Part No. - 257-215-17-8SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
   Jam Nut Mount Hermetic Receptacles
More results

Similar Description - 257-215-17-8SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
177Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
305Kb / 2P
   Jam Nut Mount Hermetic Receptacles
233-103-H9Z109 GLENAIR-233-103-H9Z109 Datasheet
436Kb / 1P
   Jam Nut Mount Hermetic
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com