Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-255Z115-35A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 257-255Z115-35A
Description  Jam Nut Mount Hermetic Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-255Z115-35A Datasheet(HTML) 1 Page - Glenair, Inc.

  257-255Z115-35A Datasheet HTML 1Page - Glenair, Inc. 257-255Z115-35A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-18
B
Pin contact
interferance
1.695 max
.920
.910
D
flat
A
thread
Jam nut
.125 max
panel
E
.219
min
O-
Ring
5
H
thread
Master
key
B dia
90° 185°
120° typ
C
C
APPLICATION NOTES
Assembly identified with manufacturer’s name and part number,
1.
space permitting.
Insert arrangements in accordance with MIL-STD-1560.
2.
Glenair 257-255 receptacle connector is designed to mate with any
3.
QPL manufacturer’s MIL-DTL-38999 Series I plug connector having
the same insert arrangement & polarization.
Material/finish:
4.
Shell, jam nut—CRES/passivated
Pin contacts—nickel-iron alloy 52/gold
Socket contacts—copper alloy/gold
Insulator—fused vitreous glass/N.A.
Insulators—high grade rigid dielectric/ N.A.
Seals—pure fluorosilicone rubber/ N.A.
Supplied crimp removal socket contacts conform to
5.
M39029/57
Metric Dimensions (mm) are indicated in parentheses.
6.
257-255
Jam Nut Mount Hermetic Receptacle
with Crimp Removable Socket Contacts,
MIL-DTL-38999 Series I Type
Basic
Number
Material and Finish
Z1 - CRES, Passivated
Shell Size
Table I
257-255 Z1 9 - 35 N
Alternate Key
Position
A, B, C, D, E
(N = Normal)
Insert Arrangement
Per MIL-STD-1560


Similar Part No. - 257-255Z115-35A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
More results

Similar Description - 257-255Z115-35A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
   Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470Y9D GLENAIR-MS27470Y9D Datasheet
452Kb / 2P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com