Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

220-07H2261P2 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-07H2261P2
Description  Rear Mounted Jam Nut Box Mount Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-07H2261P2 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-07H2261P2 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
G-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
G
G
220-07 and 220-17
Series 22 Geo-Marine®
Rear Mounted Jam Nut Box Mount Receptacle
DIMENSIONS
SHELL
SIZE
10
12
14
16
18
20
22
24
B THREAD
CLASS 2A
.750 -.1P -.1L
.875 -.1P -.1L
1.000 -.1P -.1L
1.125 -.1P -.1L
1.250 -.1P -.1L
1.375 -.1P -.1L
1.500 -.1P -.1L
1.625 -.1P -.1L
C THREAD
CLASS 2A
7/8 - 20 UNEF
1 - 20 UNEF
1 1/8 - 16 UN
1 1/4 - 16 UN
1 3/8 - 16 UN
1 1/2 - 16 UN
1 5/8 - 16 UN
1 3/4 - 16 UN
D
DIA
1.25 (31.8)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
2.00 (50.8)
2.12 (53.8)
E
FLATS
1.125 (28.6)
1.250 (31.8)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
F DIA
±.005 ±(0.1)
.885 (22.5)
1.010 (25.7)
1.135 (28.8)
1.260 (32.0)
1.385 (35.2)
1.510 (38.4)
1.635 (41.5)
1.760 (44.7)
G
±.005 ±(0.1)
.835 (21.2)
.960 (24.4)
1.085 (27.6)
1.210 (30.7)
1.335 (33.9)
1.460 (37.1)
1.585 (40.3)
1.710 (43.4)
SHELL
SIZE
10
12
14
16
18
20
22
24
RECOMMENDED JAM NUT
INSTALLATION TORQUE vALUES
95
110
140
170
195
215
235
260
10.73
12.43
15.82
19.21
22.03
24.29
26.55
29.38
INCH-POUNDS NEWTON-METERS
TORQUE ± 5%
REPLACEMENT O-RING
PART NUMBERS *
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
SHELL
SIZE
10
12
14
16
18
20
22
24
* Parker O-ring part numbers.
Compound N674-70 or equivalent.
FLANGE
O-RING
2-021
2-023
2-025
2-027
2-029
2-030
2-031
2-032
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.
Master
Key
E
JAM NUT
G
F
Recommended
Panel Cutout
B Thread
D
.18 (4.8)
220-07: 1.32 (33.5) Max
220-17: 1.57 (39.9) Max
.50 (12.7) Max Panel
Accomodation
C Thread
.16 (4.1) Ref
Flange O-Ring
Piston O-Ring
Direction of Pressure
Capability - Class H
NOTE 1: Flat and master key indicator rotates with master key per
position noted on introductory pages.
Master Key
Indicator
Red Dot
(See Note 1)
Ø.021
.018
.050
Typ
.125
Typ
Insert
Arrangement
Class
H = Hermetic
Series No.
Contacts
P = Pins
Polarization
N, 1, 2, 3, 4
Shell
Size
Shell Style
07 = Standard
17 = Scoop Proof
220 - 07
H
24 - 61
P
N


Similar Part No. - 220-07H2261P2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
More results

Similar Description - 220-07H2261P2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IPT07Y18-11SZ GLENAIR-IPT07Y18-11SZ Datasheet
241Kb / 2P
   Rear Box Mount Jam Nut Receptacle
IPT07A18-11SZC GLENAIR-IPT07A18-11SZC Datasheet
226Kb / 2P
   Rear Box Mount Jam Nut Receptacle Connector
220-04H10 GLENAIR-220-04H10_09 Datasheet
312Kb / 1P
   Rear Mounted Jam Nut Wall Mount Connector Receptacle
ITS31078A GLENAIR-ITS31078A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS31070A GLENAIR-ITS31070A Datasheet
829Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITSG3107AFK GLENAIR-ITSG3107AFK Datasheet
863Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31070-A GLENAIR-ITS-31070-A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-3107-A GLENAIR-ITS-3107-A Datasheet
171Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31078-A GLENAIR-ITS-31078-A Datasheet
272Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31070-A-N0 GLENAIR-ITS-31070-A-N0 Datasheet
204Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com