Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2X013LXI156T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2X013LXI156T
Description  LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X013LXI156T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2X013LXI156T Datasheet HTML 1Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 2Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 3Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 4Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 5Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 6Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 7Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 8Page - Cypress Semiconductor CY2X013LXI156T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY2X013
Document Number: 001-10261 Rev. *G
Page 4 of 10
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
–0.5
4.4
V
VIN
[1]
Input voltage, DC
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, storage
Non operating
–55
135
°C
TJ
Temperature, junction
–40
135
°C
ESDHBM
Electrostatic discharge (ESD) protection
human body model (HBM)
JEDEC Std 22-A114-B
2000
V
Θ
JA
[2]
Thermal resistance, junction to ambient
0 m/s airflow
64
°C / W
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
3.3 V supply voltage range
3.0
3.3
3.6
V
2.5 V supply voltage range
2.375
2.5
2.625
V
TPU
Power-up time for VDD to reach minimum specified voltage (power ramp is
monotonic)
0.05
500
ms
TA
Ambient temperature (commercial)
0
70
°C
Ambient temperature (industrial)
–40
85
°C
Notes
1. The voltage on any input or I/O pin cannot exceed the power pin during power-up.
2. Simulated. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has 4-layers of copper (2/1/1/2 oz.). The internal layers
are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
3. IDD includes ~4 mA of current that is dissipated externally in the output termination resistors.
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
IDD
[3]
Operating supply current
VDD = 3.6 V, OE/PD# = VDD,
output terminated
125
mA
VDD = 2.625 V, OE/PD# = VDD,
output terminated
120
mA
ISB
Standby supply current
PD# = VSS
200
μA
VOD
LVDS differential output voltage
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between CLK and
CLK#
247
454
mV
ΔV
OD
Change in VOD between complementary
output states
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between CLK and
CLK#
––
50
mV
VOS
LVDS offset output voltage
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between CLK and
CLK#
1.125
1.375
V
ΔV
OS
Change in VOS between complementary
output states
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between CLK and
CLK#
––
50
mV
IOZ
LVDS output leakage current
Tri-state output, unterminated,
measured on one pin while floating
the other pin, PD#/OE = VSS
–35
35
μA
VIH
Input high voltage
0.7 × VDD
––
V
VIL
Input low voltage
0.3 × VDD
V
IIH
Input high current
Input = VDD
––
115
μA
IIL
Input low current
Input = VSS
––
50
μA
CIN
[3]
Input capacitance, OE/PD# pin
15
pF
[+] Feedback


Similar Part No. - CY2X013LXI156T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X013LXIxxxT CYPRESS-CY2X013LXIxxxT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X013LXI156T

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Integrated Device Techn...
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com