Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-288ZL17-26PC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-288ZL17-26PC
Description  Box Mount Hermetic Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-288ZL17-26PC Datasheet(HTML) 2 Page - Glenair, Inc.

  257-288ZL17-26PC Datasheet HTML 1Page - Glenair, Inc. 257-288ZL17-26PC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-47
B
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
CODE
A THREAD
0.1 P-0.3L-TS-2A
B THREAD
C FLANGE
D BASIC
E BASIC
K DIA
±.005(0.1)
N
±.005(0.1)
9
A
0.625
M12X1-6g 0.100R
.949/.925
.594
.719
.705(17.9)
.665(16.9)
11
B
0.750
M15X1-6g 0.100R
1.043/1.020
.719
.812
.827(21.0)
.764(19.4)
13
C
0.875
M18X1-6g 0.100R
1.138/1.114
.812
.906
1.012(25.7)
.950(24.1)
15
D
1.000
M22X1-6g 0.100R
1.232/1.209
.906
.969
1.139(28.9)
1.079(27.4)
17
E
1.187
M25X1-6g 0.100R
1.323/1.299
.969
1.062
1.266(32.2)
1.203(30.6)
19
F
1.250
M28X1-6g 0.100R
1.449/1.425
1.062
1.156
1.389(35.3)
1.328(33.7)
21
G
1.375
M31X1-6g 0.100R
1.575/1.551
1.156
1.250
1.512(38.4)
1.454(36.9)
23
H
1.500
M34X1-6g 0.100R
1.701/1.677
1.250
1.375
1.639(41.6)
1.575(40.0)
25
J
1.625
M37X1-6g 0.100R
1.823/1.799
1.375
1.500
1.764(44.8)
1.704(43.3)
APPLICATION NOTES
1.
Assembly identified with manufacturer’s name and PN, space
permitting.
2.
Material/Finish:
Shell, lock ring, jam nut—CRES/passivated
Contacts—alloy 52/gold plate
Sockets—copper alloy/gold plate
Hermetic Insulator—fused vitreous glass/N.A.
Socket Insulator—high grade rigid dielectric/N.A.
Seals—fluorosilicone/ N.A.
3.
Crimp removable socket contacts to conform to
MIL-C-39029/57-358, size 16, MIL-C-39029/57-357 size
20 and MIL-C-39029/57-354 size 22D (supplied loose)
4.
Metric dimensions (mm) are indicated in parentheses.
257-288
Box Mount Hermetic Receptacle
with Crimp Removable Socket Contacts
MIL-DTL-38999 Series III Type
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
ø J Min
ø H Min
Back Panel
Mounting
Front Panel
Mounting
4X ø G Holes


Similar Part No. - 257-288ZL17-26PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-288 GLENAIR-257-288 Datasheet
336Kb / 2P
   Box Mount Hermetic Receptacle
More results

Similar Description - 257-288ZL17-26PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
D38999-21 GLENAIR-D38999-21 Datasheet
222Kb / 1P
   Box Mount Hermetic Receptacle
233-100-H2 GLENAIR-233-100-H2 Datasheet
252Kb / 1P
   Box Mount Hermetic Receptacle
MS27476 GLENAIR-MS27476 Datasheet
196Kb / 1P
   Box Mount Hermetic Receptacle
234-100-H2 GLENAIR-234-100-H2 Datasheet
248Kb / 1P
   Box Mount Hermetic Receptacle
D38999-41 GLENAIR-D38999-41 Datasheet
220Kb / 1P
   Box Mount Hermetic Receptacle
232-100-H2 GLENAIR-232-100-H2 Datasheet
257Kb / 1P
   Box Mount Hermetic Receptacle
257-288 GLENAIR-257-288 Datasheet
336Kb / 2P
   Box Mount Hermetic Receptacle
MS27476Y8D GLENAIR-MS27476Y8D Datasheet
457Kb / 2P
   Box Mount Hermetic Receptacle
233-100-H8 GLENAIR-233-100-H8 Datasheet
250Kb / 1P
   Weld Mount Hermetic Receptacle
MS27478 GLENAIR-MS27478 Datasheet
200Kb / 1P
   Solder Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com