Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2X013FLXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2X013FLXIT
Description  LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X013FLXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2X013FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 7Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 8Page - Cypress Semiconductor CY2X013FLXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY2X013
Document Number: 001-10261 Rev. *G
Page 2 of 10
Pinouts
Figure 1. Pin Diagram – 6-Pin Ceramic LCC
1
3
OE/PD#
VSS
VDD
CLK
6
4
2
5CLK#
DNU
Table 1. Pin Definitions - 6-Pin Ceramic LCC
Pin
Name
I/O Type
Description
1
OE/PD#
CMOS input Output enable pin: Active HIGH. If OE = 1, CLK is enabled.
Power-down pin: Active LOW. If PD# = 0, the device is powered down and the clock is disabled.
The functionality of this pin is programmable
4, 5
CLK, CLK#
LVDS output Differential output clock
2
DNU
Do not use: DNU pins are electrically connected, but perform no function
6VDD
Power
Supply voltage: 2.5 V or 3.3 V
3VSS
Power
Ground
Standard and Application-Specific Factory Configurations
Part Number
Output Frequency
Pin 1 Function
RMS Phase Jitter (Random)
Offset Range
Jitter (Typical)
CY2X013LXI062T
62.50 MHz
OE
1.875 MHz to 20 MHz
12 kHz to 20 MHz
0.36 ps
0.96 ps
CY2X013LXI100T
100.00 MHz
OE
637 kHz to 10 MHz
900 kHz to 7.5 MHz
0.52 ps
0.39 ps
CY2X013LXI122T
122.88 MHz
OE
12 kHz to 20 MHz
0.81 ps
CY2X013LXI125T
125.00 MHz
OE
1.875 MHz to 20 MHz
12 kHz to 20 MHz
0.34 ps
0.84 ps
CY2X013LXI156T
156.25 MHz
OE
1.875 MHz to 20 MHz
0.31 ps
CY2X013LXI200T
200.00 MHz
OE
12 kHz to 20 MHz
0.74 ps
[+] Feedback


Similar Part No. - CY2X013FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X013FLXIT CYPRESS-CY2X013FLXIT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X013FLXIT

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Integrated Device Techn...
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com