Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280-012H2C Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 280-012H2C
Description  Rear Printed Circuit Board Termination Glass-Sealed D-Subminiature Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-012H2C Datasheet(HTML) 1 Page - Glenair, Inc.

  280-012H2C Datasheet HTML 1Page - Glenair, Inc. 280-012H2C Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-12
H
280-012
MIL-DTL-24308/9 Type Hermetic
Rear Printed Circuit Board Termination
Glass-Sealed D-Subminiature Connector
APPLICATION NOTES
To be identified with manufacturer’s name, part number and date
1.
code, space permitting.
Contact Style: Printed circuit termination only.
2.
Material/Finish:
3.
Shell: H =
FT - Carbon steel/tin plated.
K = Z16 - Stainless steel/nickel plated, dull finish.
Insulators: Glass bead/N.A.
Contacts: Pins, Alloy 52/gold plated
Performance:
4.
DWV - 750 VAC Pin-to-Shell
I.R. - 5,000 MegOhms Min @ 500 VDC
Hermeticity - 1 x 10-7 scc He/sec @1
atmosphere differential
Glenair 280-012 will mate with any QPL MIL-DTL-24308/1, /2
5.
and /23 receptacle of the same size and arrangement.
Metric dimensions (mm) are indicated in parentheses.
6.
MIL-DTL-24308/9
D-Subminiature
Hermetic
280 - 012
H
1
C
Class
H = Standard
K = Space Grade
Shell Size
Connector
Style
Contact Style
(Pin Only)
C = P.C. Termination
F
ENGAGEMENT
vIEW
TERMINATION
vIEW
B
D
#4-40 Unc-2b
X .125 Min
Full Thread
A
C
G
E
H
R.093
Typ
Ø.040±.001
10°
Typ
Insert Arrangement Shown
Is For Reference Only
.335
.316
R.062
Typ


Similar Part No. - 280-012H2C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-012 GLENAIR-280-012 Datasheet
342Kb / 2P
   Rear Printed Circuit Board Termination
More results

Similar Description - 280-012H2C

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-012 GLENAIR-280-012 Datasheet
342Kb / 2P
   Rear Printed Circuit Board Termination
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-018 GLENAIR-287-018 Datasheet
462Kb / 2P
   Glass-Sealed D-Subminiature Connector
280-006 GLENAIR-280-006 Datasheet
491Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com