Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199CN-15PXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C199CN-15PXC
Description  256 K (32 K x 8) Static RAM 2.0 V data retention
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199CN-15PXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C199CN-15PXC Datasheet HTML 2Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 3Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 4Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 5Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 6Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 9Page - Cypress Semiconductor CY7C199CN-15PXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C199CN
Document #: 001-06435 Rev. *E
Page 6 of 18
AC Test Loads
AC Test Conditions
Parameter
Description
Nom
Unit
C1
Capacitor 1
30
pF
C2
Capacitor 2
5
R1
Resistor 1
480
Ω
R2
Resistor 2
255
R3
Resistor 3
480
R4
Resistor 4
255
RTH
Resistor Thevenin
167
VTH
Voltage Thevenin
1.73
V
VCC
VSS
Ris e T im e
1 V /n s
Fa ll Tim e
1 V /n s
A ll In p u t P u ls e s
90 %
10 %
90 %
10 %
V
O u tput
R1
R2
C1
CC
V
Ou tp u t
R3
C2
CC
R4
O u tp u t Loa ds
O u tp u t Lo ad s
fo r t
HZ O E ,t HZ CE &t HZ W E
* in c lud ing s c o p e and jig c a pa c ita nc e
(B )*
(A )*
R
th
T
V
Th ev en in E q uiv a le nt
Note
3. Tested initially and after any design or process change that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C199CN-15PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199CN-15PXC CYPRESS-CY7C199CN-15PXC Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN-15PXC CYPRESS-CY7C199CN-15PXC Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199CN-15PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY7C1041BN_1105 CYPRESS-CY7C1041BN_1105 Datasheet
350Kb / 13P
   256 K x 16 Static RAM 2.0 V data retention (400 uW at 2.0 V retention)
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C199D CYPRESS-CY7C199D_11 Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com