Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-02124-6DX Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-02124-6DX
Description  Bayonet Coupling Box Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-02124-6DX Datasheet(HTML) 2 Page - Glenair, Inc.

  230-02124-6DX Datasheet HTML 1Page - Glenair, Inc. 230-02124-6DX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-25
D
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell: Z1 - 304L stainless steel/passivate.
FT - C1215 stainless steel/tin plated.
Titanium and Inconel® available. Consult factory.
Contacts - 52 Nickel alloy/gold plate.
Bayonets - Stainless steel/passivate.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Rear insulator - Rigid dielectric/N.A.
Glenair 230-021 will mate with any QPL MIL-DTL-26482
3.
Series II bayonet coupling plug of same size and insert
polarization.
Performance:
4.
Hermeticity - <1 x 10-7 cc/sec @ 1 atm differential.
Dielectric withstanding voltage - Consult factory
or MIL-STD-1669.
Insulation resistance - 5000 megohms min @500VDC.
See Table II for available insert arrangement option.
5.
Connectors are supplied with applicable crimp socket contacts
6.
per MIL-C-39029/22-** and MS3160-** insert and removal
tool.
Metric Dimensions (mm) are indicated in parentheses.
7.
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A
B
C Dia
Mounting
Locator
F
G
H
K Dia
Panel
Cut-Out
L
8
.828 (21.0) .594 (15.1) .563/.557
(14.3/14.1)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
.570 (14.5)
1.078 (27.4)
10
.954 (24.2) .719 (18.3) .673/.667
(17.1/16.9)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
.680 (17.3)
1.078 (27.4)
12 1.047 (26.6) .812 (20.6) .782/.776
(20.0/19.7)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
.789 (20.0)
1.078 (27.4)
14 1.141 (29.0) .906 (23.0) .907/.901
(23.0/22.9)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
.914 (23.2)
1.078 (27.4)
16 1.234 (31.3) .969 (24.6) 1.032/1.026
(26.2/26.1)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
1.039 (26.4)
1.078 (27.4)
18 1.328 (33.7) 1.062 (27.0) 1.157/1.151
(29.4/29.2)
.704/.680
(17.9/17.3)
.078/.046
(2.0/1.2)
.120 (3.0)
1.164 (29.6)
1.078 (27.4)
20 1.453 (36.9) 1.156 (29.4) 1.251/1.245
(31.8/31.6)
.756/.739
(18.9/18.8)
.110/.078
(2.8/2.0)
.120 (3.0)
1.258 (32.0)
1.140 (29.0)
22 1.578 (40.1) 1.250 (31.8) 1.376/1.371
(35.0/34.8)
.756/.739
(18.9/18.8)
.110/.078
(2.8/2.0)
.120 (3.0)
1.383 (35.1)
1.140 (29.0)
24 1.703 (43.3) 1.375 (34.9) 1.501/1.495
(38.1/38.0)
.756/.739
(18.9/18.8)
.110/.078
(2.8/2.0)
.147 (3.7)
1.508 (38.3)
1.140 (29.0)
230-021
MIL-DTL-26482 Series II Type Hermetic
Bayonet Coupling Box Mount Receptacle
with Crimp Removable Contacts • MS3477 Type
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-02124-6DX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-021 GLENAIR-230-021 Datasheet
268Kb / 2P
   Bayonet Coupling Box Mount Receptacle
230-02186D GLENAIR-230-02186D Datasheet
306Kb / 2P
   Hermetic Receptacle, Panel Mount, Crimp Contacts
More results

Similar Description - 230-02124-6DX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-021 GLENAIR-230-021 Datasheet
268Kb / 2P
   Bayonet Coupling Box Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
407Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com