Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BNV33 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1021BNV33
Description  64 K 횞 16 Static RAM CMOS for optimum speed/power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1021BNV33_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1021BNV33_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1021BNV33
Document #: 001-06433 Rev. *C
Page 7 of 17
Switching Characteristics[4]
Over the Operating Range
Parameter
Description
-15
Unit
Min
Max
READ CYCLE
tRC
Read Cycle Time
15
ns
tAA
Address to Data Valid
15
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
15
ns
tDOE
OE LOW to Data Valid
7
ns
tLZOE
OE LOW to Low Z
0
ns
tHZOE
OE HIGH to High Z[5, 6]
7
ns
tLZCE
CE LOW to Low Z[6]
3
ns
tHZCE
CE HIGH to High Z[5, 6]
7
ns
tPU
CE LOW to Power-Up
0
ns
tPD
CE HIGH to Power-Down
15
ns
tDBE
Byte Enable to Data Valid
7
ns
tLZBE
Byte Enable to Low Z
0
ns
tHZBE
Byte Disable to High Z
7
ns
WRITE CYCLE[7]
tWC
Write Cycle Time
15
ns
tSCE
CE LOW to Write End
10
ns
tAW
Address Set-Up to Write End
10
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
10
ns
tSD
Data Set-Up to Write End
8
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z[6]
3
ns
tHZWE
WE LOW to High Z[5, 6]
7
ns
tBW
Byte Enable to End of Write
9
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads and Waveforms on page 6. Transition is measured
500 mV from steady-state voltage.
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE / BLE LOW. CE, WE and BHE / BLE must be LOW to initiate a write,
and the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates
the write.
[+] Feedback


Similar Part No. - CY7C1021BNV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com