Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280-014K3X-1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 280-014K3X-1
Description  O-Ring Panel Sealing Glass-Sealed D-Subminiature Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-014K3X-1 Datasheet(HTML) 1 Page - Glenair, Inc.

  280-014K3X-1 Datasheet HTML 1Page - Glenair, Inc. 280-014K3X-1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-16
H
280-014
MIL-DTL-24308/9 Type Hermetic
O-Ring Panel Sealing
Glass-Sealed D-Subminiature Connector
APPLICATION NOTES
To be identified with manufacturer’s name, part number and date
1.
code, space permitting.
Contact Style: Eyelet or solder cup (see part development).
2.
Material/Finish:
3.
Shell: H = FT - Carbon steel/tin plated
.
K = Z16 - Stainless steel/nickel plated dull finish.
Insulators: Glass bead/N.A.
Contacts: Alloy 52/gold plated
O-Ring: Specify (see Table III)/N.A.
Performance:
4.
DWV - 500 VAC Pin-to-Shell
I.R. - 5,000 MegOhms Min @ 500 VDC
Hermeticity - <1 x 10-7 scc He/sec @1
atmosphere differential
Glenair 280-014 will mate with any QPL MIL-DTL-24308/1, /2
5.
and /23 receptacle of the same size and arrangement.
Metric dimensions (mm) are indicated in parentheses.
6.
MIL-DTL-24308/9
D-Subminiature
Hermetic
280 - 014
H
1
P - 1
Class
H = Carbon Steel/
Tin Plated
K = Stainless Steel/
Nickel Plated,
Dull Finish
Shell Size
Connector
Style
Contact Style
(Pin Only)
P = Solder Cup
X = Eyelet
O-Ring Material
See Table III
(Omit for Viton)
25° Typ
Eyelets
Mounting
Holes
(See Table II)
H
.238 Max
.161 Max
F
ENGAGEMENT
vIEW
TERMINATION
vIEW
B
D
#4-40 UNC-2B
X .125 Min
Full Thread
A
C
G
E
Ø.040 ±.001
10°
Typ
Insert Arrangements Shown
Are For Reference Only
R.062
Typ
K
O-Ring
4-40 UNC-2B
X .100 DP
(Typ 2 Pl)


Similar Part No. - 280-014K3X-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-014 GLENAIR-280-014 Datasheet
364Kb / 2P
   O-Ring Panel Sealing
280-014 GLENAIR-280-014_15 Datasheet
364Kb / 2P
   O-Ring Panel Sealing
More results

Similar Description - 280-014K3X-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
471Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature High Density Connector
280-014 GLENAIR-280-014_15 Datasheet
364Kb / 2P
   O-Ring Panel Sealing
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-018 GLENAIR-287-018 Datasheet
462Kb / 2P
   Glass-Sealed D-Subminiature Connector
280-006 GLENAIR-280-006 Datasheet
491Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com