Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

287-018H3BP-1 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 287-018H3BP-1
Description  Glass-Sealed D-Subminiature Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

287-018H3BP-1 Datasheet(HTML) 2 Page - Glenair, Inc.

  287-018H3BP-1 Datasheet HTML 1Page - Glenair, Inc. 287-018H3BP-1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-19
H
TABLE I: CONNECTOR DIMENSIONS
Shell
Size
Dim
A
± .015 (± 0.4)
Dim
B
± .004 (± 0.1)
Dim
C
± .005 (± 0.1)
Dim
D
± .004 (± 0.1)
Dim
E
± .010 (± 0.3)
Dim
F
± .010 (± 0.3)
Dim
G
± .010 (± 0.3)
Dim
H
± .006 (± 0.2)
Dim
K
± .010 (± 0.3)
Dim
L
BSC
M
BSC
N
± .005 (± 0.1)
P
± .005 (± 0.1)
1
1.413 (35.9) .667 (16.9)
.984 (25.0)
.330 (8.4)
.698 (17.7)
.725 (18.4)
.369 (9.4)
.094 (2.4)
.235 (6.0)
.462 (11.7) 1.177 (29.9) .805 (20.4)
.440 (11.2)
2
1.741 (44.2) .993 (25.2) 1.312 (33.3) .330 (8.4)
.698 (17.7)
.932 (23.7)
.369 (9.4)
.094 (2.4)
.235 (6.0)
.462 (11.7) 1.499 (38.1) 1.002 (25.5) .440 (11.2)
3
2.288 (58.1) 1.535 (39.0) 1.852 (47.0) .330 (8.4)
.698 (17.7) 1.479 (37.6)
.369 (9.4)
.103 (2.6)
.230 (5.8)
.462 (11.7) 1.972 (50.1) 1.589 (40.4) .440 (11.2)
4
2.929 (74.4) 2.183 (55.4) 2.500 (63.5) .330 (8.4)
.698 (17.7) 2.125 (54.0)
.369 (9.4)
.103 (2.6)
.230 (5.8)
.462 (11.7) 2.693 (68.4) 2.183 (55.4) .440 (11.2)
5
2.835 (72.0) 2.079 (52.8) 2.406 (61.1) .441 (11.2)
.810 (20.6) 2.000 (50.8) .500 (12.7)
.103 (2.6)
.230 (5.8)
.654 (16.6) 2.599 (66.0) 2.250 (57.2) .570 (14.5)
TABLE II: PANEL CUT-OUT
Shell
Size
Dim
XA
Dim
YA
Dim
L
Dim
M
1
.745 (18.9)
.385 (9.8)
.462 (11.7) 1.177 (29.9)
2
.950 (24.1)
.385 (9.8)
.462 (11.7) 1.499 (38.1)
3
1.495 (38.0)
.385 (9.8)
.462 (11.7) 1.972 (50.1)
4
2.145 (54.5)
.385 (9.8)
.462 (11.7) 2.693 (68.4)
5
2.015 (51.2) .520 (13.2)
.654 (16.6) 2.599 (66.0)
287-018
MIL-DTL-24308/9 Type Hermetic
Glass-Sealed D-Subminiature Connector
Rear Mount O-Ring Seal
5
4
3
2
1
37
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
36
35
35
34
34
33
33
32
31
30
29
28
27
26
25
25
24
24
23
23
22
22
21
21
20
20
19
19
18
18
18
17
17
17
16
16
16
15
15
15
15
14
14
14
14
13
13
13
13
12
12
12
12
11
11
11
11
10
10
10
10
9
9
9
9
9
8
8
8
8
8
7
7
7
7
7
6
6
6
6
6
5
5
5
5
5
4
4
4
4
4
3
3
3
3
3
2
2
2
2
2
1
1
1
1
1
50 CONTACTS
37 CONTACTS
25 CONTACTS
15 CONTACTS
9 CONTACTS
SOLDER CUP ORIENTATION
SIZES 1-4
SIZE 5
TABLE III: O-RING
MATERIAL
Dash
Number
Material
None
Viton
-1
Nitrile
-2
Fluorosilicone
-3
Silicone
XA
YA
R.062 Max
Typ
RECOMMENDED PANEL CUTOUT
SEE TABLE 2
REAR MOUNT
M
L
Ø.130
Typ 4 Pl
NASA SCREENING LEVELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal Vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 287-018H3BP-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
More results

Similar Description - 287-018H3BP-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
280-006 GLENAIR-280-006 Datasheet
491Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
280-014 GLENAIR-280-014 Datasheet
451Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature Connector
280-012 GLENAIR-280-012 Datasheet
426Kb / 2P
   Rear Printed Circuit Board Termination Glass-Sealed D-Subminiature Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com