Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T1G164QF-BCE7 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4T1G164QF-BCE7
Description  1Gb F-die DDR2 SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G164QF-BCE7 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4T1G164QF-BCE7 Datasheet HTML 1Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 2Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 3Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 4Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 5Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 6Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 7Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 8Page - Samsung semiconductor K4T1G164QF-BCE7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
- 4 -
K4T1G164QF
datasheet
DDR2 SDRAM
Rev. 1.11
K4T1G084QF
K4T1G044QF
1. Ordering Information
NOTE :
1. Speed bin is in order of CL-tRCD-tRP.
2. 12digit, "B" stands for flip chip FBGA PKG.
2. Key Features
Organization
DDR2-800 5-5-5
DDR2-800 6-6-6
DDR2-667 5-5-5
Package
256Mx4
K4T1G044QF-BCE7
K4T1G044QF-BCF7
K4T1G044QF-BCE6
60 FBGA
128Mx8
K4T1G084QF-BCE7
K4T1G084QF-BCF7
K4T1G084QF-BCE6
60 FBGA
64Mx16
K4T1G164QF-BCE7
K4T1G164QF-BCF7
K4T1G164QF-BCE6
84 FBGA
Speed
DDR2-800 5-5-5
DDR2-800 6-6-6
DDR2-667 5-5-5
Units
CAS Latency
5
6
5
tCK
tRCD(min)
12.5
15
15
ns
tRP(min)
12.5
15
15
ns
tRC(min)
57.5
60
60
ns
• JEDEC standard VDD = 1.8V ± 0.1V Power Supply
•VDDQ = 1.8V ± 0.1V
• 333MHz fCK for 667Mb/sec/pin, 400MHz fCK for 800Mb/sec/pin
• 8 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5, 6
• Programmable Additive Latenc y: 0, 1, 2, 3, 4, 5
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an
optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination
• Special Function Support
- 50ohm ODT
- High Temperature Self-Refresh rate enable
• Average Refresh Period 7.8us at lower than TCASE 85°C, 3.9us at
85
°C < TCASE < 95 °C
• All of products are Lead-Free, Halogen-Free, and RoHS compliant
The 1Gb DDR2 SDRAM is organized as a 32Mbit x 4 I/Os x 8banks, 16Mbit
x 8 I/Os x 8banks or 8Mbit x 16 I/Os x 8 banks device. This synchronous
device achieves high speed double-data-rate transfer rates of up to 800Mb/
sec/pin (DDR2-800) for general applications.
The chip is designed to comply with the following key DDR2 SDRAM fea-
tures such as posted CAS with additive latency, write latency = read latency
- 1, Off-Chip Driver(OCD) impedance adjustment and On Die Termination.
All of the control and address inputs are synchronized with a pair of exter-
nally supplied differential clocks. Inputs are latched at the crosspoint of dif-
ferential clocks (CK rising and CK falling). All I/Os are synchronized with a
pair of bidirectional strobes (DQS and DQS) in a source synchronous fash-
ion. The address bus is used to convey row, column, and bank address
information in a RAS/CAS multiplexing style. For example, 1Gb(x8) device
receive 14/10/3 addressing.
The 1Gb DDR2 device operates with a single 1.8V ± 0.1V power supply
and 1.8V ± 0.1V VDDQ.
The 1Gb DDR2 device is available in 60ball FBGA(x4/x8) and in 84ball
FBGA(x16).
NOTE :
1. This data sheet is an abstract of full DDR2 specification and does not cover the common features which are described in “DDR2 SDRAM Device Operation & Timing Dia-
gram”.
2. The functionality described and the timing specifications included in this data sheet are for the DLL Enabled mode of operation.


Similar Part No. - K4T1G164QF-BCE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G164QF-BCE6000 SAMSUNG-K4T1G164QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM 60FBGA/84FBGA with Lead-Free & Halogen-Free (RoHS compliant)
More results

Similar Description - K4T1G164QF-BCE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G044QQ SAMSUNG-K4T1G044QQ Datasheet
886Kb / 44P
   1Gb Q-die DDR2 SDRAM Specification
K4T1G044QM SAMSUNG-K4T1G044QM Datasheet
457Kb / 29P
   1Gb M-die DDR2 SDRAM Specification
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
   1Gb D-die DDR2 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
logo
Samsung semiconductor
K4T56043QF SAMSUNG-K4T56043QF Datasheet
477Kb / 27P
   256Mb F-die DDR2 SDRAM
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com