Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BNV33L-15VXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1021BNV33L-15VXI
Description  64 K 횞 16 Static RAM CMOS for optimum speed/power
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33L-15VXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1021BNV33L-15VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1021BNV33L-15VXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY7C1021BNV33
Document #: 001-06433 Rev. *C
Page 11 of 17
Write Cycle No. 2 (WE Controlled, OE LOW)
Truth Table
CE
OE WE
BLE
BHE
I/O0–I/O7
I/O8–I/O15
Mode
Power
H
X
X
X
X
High Z
High Z
Power-Down
Standby (ISB)
L
L
H
L
L
Data Out
Data Out
Read - All bits
Active (ICC)
L
H
Data Out
High Z
Read - Lower bits only
Active (ICC)
H
L
High Z
Data Out
Read - Upper bits only
Active (ICC)
L
X
L
L
L
Data In
Data In
Write - All bits
Active (ICC)
L
H
Data In
High Z
Write - Lower bits only
Active (ICC)
H
L
High Z
Data In
Write - Upper bits only
Active (ICC)
L
H
H
X
X
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
L
X
X
H
H
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
Switching Waveforms(continued)
tHD
tSD
tSCE
tHA
tAW
tPWE
tWC
tBW
DATA I/O
ADDRESS
CE
WE
BHE, BLE
tSA
tLZWE
tHZWE
[+] Feedback


Similar Part No. - CY7C1021BNV33L-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33L-15VXI CYPRESS-CY7C1021BNV33L-15VXI Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-15VXI CYPRESS-CY7C1021BNV33L-15VXI Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-15VXI CYPRESS-CY7C1021BNV33L-15VXI Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33L-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com