Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

470HJ130ZL096CDS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 470HJ130ZL096CDS
Description  EMI/RFI StarShield Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

470HJ130ZL096CDS Datasheet(HTML) 1 Page - Glenair, Inc.

  470HJ130ZL096CDS Datasheet HTML 1Page - Glenair, Inc. 470HJ130ZL096CDS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC.
1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-22
G
470H*013
EMI/RFI StarShield Backshell
for MIL-DTL-38999 Series III and IV Connectors
CONNECTOR
DESIGNATOR
H
SELF-LOCKING
ROTATABLE
COUPLING
Basic Number
Product Series
Order
Number
See Table I
470
H
S
013
NF 17
6
G DS
Connector Designator
Angular
Function
H
- 45°
J
- 90°
S
- Straight
Finish
See Table III
Ferrule
Quantity
Code
See Table I
C = Conduit Adapter
G = Glad Nut
T = Tinel Nut with
Tinel Ring
DS = Drilled Star
(Optional)
Omit if Not Required
APPLICATION NOTES
Assembly identified with manufacturer’s name and part number, space permitting.
1.
For effective grounding, connector with conductive finish should be used.
2.
Glenair Series 600 Series Backshell Assembly Tools are recommended for assembly and installation.
3.
Star not supplied with Order Number 09. Drilled star is available on order numbers 15-25 only. If optional ferrule quantity per Table I is
4.
selected, one split and one solid star will be supplied.
Ferrules sold separately.
5.
Material/Finish:
6.
Adapter, elbows, coupling and gland nut, compression ring, star - aluminum alloy or cres/Table III
O-Ring - Silicone/N.A.
Tinel ring - Nickel-titanium alloy/N.A.
Metric dimensions (mm) are indicated in parentheses.
7.
Over Travel Coupling
Typ
B Max
Typ
Knurl Style Mfr
Option - Typ
A Thread
O-Ring
Typ
Typ
C Max
Typ
STRAIGHT
SYM S
.980 (25.0) Max
GLAND NUT
SYM G
Compression
Ring Assembly
Star
(See Note 4)
E
SYM H
45°
D
G
SYM J
90°
F
H
SYM T
TINEL NUT
.330 (8.4) Max
J Thread
SYM C
CONDUIT
ADPTER
.760 (19.3) Max


Similar Part No. - 470HJ130ZL096CDS

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
470 PRODUCTWELL-470 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Oscilent Corporation
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
logo
Littelfuse
470 LITTELFUSE-470 Datasheet
541Kb / 3P
   The 470 series is a family of 125V rated high energy SMD fuses
logo
AiT Semiconductor Inc.
470 AITSEMI-470 Datasheet
817Kb / 4P
   POWER INDUCTOR
470 AITSEMI-470 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - 470HJ130ZL096CDS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M28840-616WA GLENAIR-M28840-616WA Datasheet
78Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com