Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

287-018K2BX-1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 287-018K2BX-1
Description  Glass-Sealed D-Subminiature Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

287-018K2BX-1 Datasheet(HTML) 1 Page - Glenair, Inc.

  287-018K2BX-1 Datasheet HTML 1Page - Glenair, Inc. 287-018K2BX-1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-18
H
287-018
MIL-DTL-24308/9 Type Hermetic
Glass-Sealed D-Subminiature Connector
Rear Mount O-Ring Seal
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Contact Style: Eyelet or solder cup (see part development).
2.
Material/Finish:
3.
Shell: H = FT - Carbon steel/tin plated.
K = Z16 - Stainless steel/nickel plated dull finish.
Insulators: Glass bead/N.A.
Contacts: Pins, alloy 52/gold plated.
Metric dimensions (mm) are indicated in parentheses.
4.
Performance:
5.
DWV - 750 VAC Pin-to-Shell
I.R. - 5,000 Megohms Min @ 500 VDC
Hermeticity - <1 x 10-7 scc He/sec @ 1
atmosphere differential.
All dimensions are typical for flange types “A” and “B”. “C” dim is
6.
not applicable to flange type “A”.
Glenair 287-018 will mate with any QPL MIL-DTL-24308/1, /2
7.
and /23 receptacle of the same size and arrangement.
MIL-DTL-24308/9
D-Subminiature
Hermetic
287 - 018
K
1
A
P - 1
Class
H = Standard
K = Space Grade
Shell Size
Connector
Style
Flange Type
A = Solid
B = Two #4-40
Lockposts
Contact Style
(Pin Only)
P = Solder Cup
X = Eyelet
O-Ring
Material
See Table III
(Omit for Viton)
F
ENGAGEMENT
vIEW
TERMINATION
vIEW
FLANGE
TYPE
B
FLANGE
TYPE
A
B
D
#4-40 UNC-2B
X .125 Min
Full Thread
.161 Max
.238 Max
A
C
G
H
R.093
Typ
Ø.040±.001
10°
Typ
Insert Arrangements Shown
Are For Reference Only
25° Typ
Eyelets
K
.046
.032
.335
.316
R.062
Typ
.682
L
M
Ø.120
Typ 4 Pl
R.100
4 Pl
N
. 090
. 086
.050
P


Similar Part No. - 287-018K2BX-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
More results

Similar Description - 287-018K2BX-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
280-006 GLENAIR-280-006 Datasheet
491Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
280-014 GLENAIR-280-014 Datasheet
451Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature Connector
280-012 GLENAIR-280-012 Datasheet
426Kb / 2P
   Rear Printed Circuit Board Termination Glass-Sealed D-Subminiature Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com