Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-12ZSXE Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1041CV33-12ZSXE
Description  4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-12ZSXE Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1041CV33-12ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 9Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 10Page - Cypress Semiconductor CY7C1041CV33-12ZSXE Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1041CV33 Automotive
Document Number: 001-67307 Rev. **
Page 7 of 17
Switching Characteristics
Over the Operating Range [4]
Parameter
Description
-10
-12
-20
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tpower[5]
VCC(Typical) to the First Access
100
100
100
s
tRC
Read Cycle Time
10
12
20
ns
tAA
Address to Data Valid
10
12
20
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
20
ns
tDOE
OE LOW to Data Valid
Auto-A
–5–
6–8
ns
Auto-E
–––
7–8
tLZOE
OE LOW to Low Z[6]
0–0
–0–
ns
tHZOE
OE HIGH to High Z[6, 7]
–5–
6–8
ns
tLZCE
CE LOW to Low Z[6]
3–3
–3–
ns
tHZCE
CE HIGH to High Z[6, 7]
–5–
6–8
ns
tPU
CE LOW to Power Up
0–0
–0–
ns
tPD
CE HIGH to Power Down
10
12
20
ns
tDBE
Byte Enable to Data Valid
Auto-A
5
6
8
ns
Auto-E
–––
7–8
tLZBE
Byte Enable to Low Z
0
0
0
ns
tHZBE
Byte Disable to High Z
6
6
8
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
10
12
20
ns
tSCE
CE LOW to Write End
7
8
10
ns
tAW
Address Setup to Write End
7
8
10
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup to Write Start
0
0
0
ns
tPWE
WE Pulse Width
7
8
–10–
ns
tSD
Data Setup to Write End
5–6
–8–
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
3–3
–3–
ns
tHZWE
WE LOW to High Z[6, 7]
–5–
6–8
ns
tBW
Byte Enable to End of Write
7
8
10
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, and input pulse levels of 0 to 3.0 V.
5. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
6. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
7. tHZOE, tHZCE, tHZBE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of Figure 3 on page 6. Transition is measured 500 mV from steady state
voltage.
8. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW, and BHE/BLE LOW. CE, WE, and BHE/BLE must be LOW to initiate a write.
The transition of these signals terminate the write. The input data setup and hold timing is referenced to the leading edge of the signal that terminates the write.
9. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1041CV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-12ZSXE CYPRESS-CY7C1041CV33-12ZSXE Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33_11 Datasheet
487Kb / 13P
   512 K 횞 24 Static RAM TTL-compatible inputs and outputs
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY7C1071DV33 CYPRESS-CY7C1071DV33 Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
   32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com