Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-20ZSXA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1041CV33-20ZSXA
Description  4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-20ZSXA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1041CV33-20ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-20ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY7C1041CV33 Automotive
4-Mbit (256 K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-67307 Rev. **
Revised March 11, 2011
4-Mbit (256 K × 16) Static RAM
Features
Temperature ranges
Automotive-A: –40 °C to 85 °C
Automotive-E: –40 °C to 125 °C
Pin and function compatible with CY7C1041BNV33
High speed
tAA = 10 ns (Automotive-A)
tAA = 12 ns (Automotive-E)
Low active power
432 mW (max)
2.0 V data retention
Automatic power down when deselected
TTL-compatible inputs and outputs
Easy memory expansion with CE and OE features
Available in Pb-free and non Pb-free 44-pin 400 Mil SOJ, 44-pin
TSOP II and 48-ball FBGA packages
Functional Description
The CY7C1041CV33 Automotive is a high performance CMOS
static RAM organized as 262,144 words by 16 bits.
To write to the device, take Chip Enable (CE) and Write Enable
(WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data
from I/O pins (I/O0 through I/O7), is written into the location
specified on the address pins (A0 through A17). If Byte High
Enable (BHE) is LOW, then data from I/O pins (I/O8 through
I/O15) is written into the location specified on the address pins
(A0 through A17).
To read from the device, take Chip Enable (CE) and Output
Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If
Byte Low Enable (BLE) is LOW, then data from the memory
location specified by the address pins appear on I/O0 to I/O7. If
Byte High Enable (BHE) is LOW, then data from memory
appears on I/O8 to I/O15. For more information, see the Truth
Table on page 10 for a complete description of Read and Write
modes.
The input and output pins (I/O0 through I/O15) are placed in a
high impedance state when the device is deselected (CE HIGH),
the outputs are disabled (OE HIGH), the BHE and BLE are
disabled (BHE, BLE HIGH), or during a write operation (CE LOW
and WE LOW).
For best practice recommendations, refer to the Cypress
application note AN1064, SRAM System Guidelines.
Logic Block Diagram
256K x 16
RAM Array
I/O0–I/O7
A0
A1
A2
A3
A6
COLUMN DECODER
INPUT BUFFER
OE
A4
A5
I/O8–I/O15
WE
BLE
BHE
A8
A7
CE
[+] Feedback


Similar Part No. - CY7C1041CV33-20ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-20ZSXA CYPRESS-CY7C1041CV33-20ZSXA Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33-20ZSXA CYPRESS-CY7C1041CV33-20ZSXA Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-20ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33_11 Datasheet
487Kb / 13P
   512 K 횞 24 Static RAM TTL-compatible inputs and outputs
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY7C1071DV33 CYPRESS-CY7C1071DV33 Datasheet
489Kb / 14P
   32-Mbit (2 M x 16) Static RAM TTL compatible inputs and outputs
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
   32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com