Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

377UW041XB15KT Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 377UW041XB15KT
Description  Composite Fiber-Optic Conduit Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

377UW041XB15KT Datasheet(HTML) 1 Page - Glenair, Inc.

  377UW041XB15KT Datasheet HTML 1Page - Glenair, Inc. 377UW041XB15KT Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
377-041
Composite Fiber-Optic Conduit Backshell
Self-Locking Rotatable Coupling
2.000
(50.8)
H
Wrench Flats
Adapter
O-Ring
1.380
(35.1)
Max
Conduit
Size
F
E
1.000 (25.4) R
Wrench Flats
Grommet
Keys
.12 (3.0) Diameter,
K Places, Accomodates
16 Gage Contacts With
.07 (1.8) to .11 (2.8)
Diameter Fiber Cable
* Conduit I.D. Accomodates Glenair Series 74 Type A
Convoluted Tubing, In Accordance With SAE-AMS-T-81914.
Conduit
Termination
Strain-Relief
Grommet
Anti-Decoupling
Device
J
G
Connector
Designator
H and U
377 H S 041 XM 19 K T
Connector
Shell Size
(See Table II)
Add letter
K for transition to
accomodate PEEK conduit
material.
Omit for standard
Teflon conduit material.
Product Series
377 - Fiber Optic Strain Relief
Basic Part
Number
Angle and Profile
S - Straight
W - 90° Elbow
Finish Symbol
(See Table I)
Shrink Boot Option
(Omit for none)
CONNECTOR DESIGNATOR:
H - MIL-DTL-38999 Series III and IV
U - DG123 and DG123A
SELF-LOCKING
ROTATABLE
COUPLING
STANDARD PROFILE
Note: See Table II For Front-End Details and Shell Size References


Similar Part No. - 377UW041XB15KT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377UW040XB11AT GLENAIR-377UW040XB11AT Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
377UW040XB11NT GLENAIR-377UW040XB11NT Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
377UW040XB13AT GLENAIR-377UW040XB13AT Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
377UW040XB13NT GLENAIR-377UW040XB13NT Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
377UW040XB15AT GLENAIR-377UW040XB15AT Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
More results

Similar Description - 377UW041XB15KT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
   Fiber-Optic Strain-Relief Backshell
M28840-516WA GLENAIR-M28840-516WA Datasheet
84Kb / 2P
   Metal Conduit Backshell
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
189-055 GLENAIR-189-055 Datasheet
166Kb / 1P
   Single Channel Fiber Optic Connector Backshell
189-001 GLENAIR-189-001 Datasheet
376Kb / 2P
   Fiber Optic Backshell With Split Clamp
189-001NH11S GLENAIR-189-001NH11S Datasheet
205Kb / 2P
   Fiber Optic Backshell With Split Clamp
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
   Composite FiberCon Conduit Adapter
420AA002M08 GLENAIR-420AA002M08 Datasheet
66Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
420AA001M08 GLENAIR-420AA001M08 Datasheet
168Kb / 2P
   Sealtite/Liquidtite Conduit Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com