Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S281632K Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4S281632K
Description  128Mb K-die SDRAM Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632K Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4S281632K Datasheet HTML 4Page - Samsung semiconductor K4S281632K Datasheet HTML 5Page - Samsung semiconductor K4S281632K Datasheet HTML 6Page - Samsung semiconductor K4S281632K Datasheet HTML 7Page - Samsung semiconductor K4S281632K Datasheet HTML 8Page - Samsung semiconductor K4S281632K Datasheet HTML 9Page - Samsung semiconductor K4S281632K Datasheet HTML 10Page - Samsung semiconductor K4S281632K Datasheet HTML 11Page - Samsung semiconductor K4S281632K Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Synchronous DRAM
Rev. 1.23 March 2009
8 of 15
K4S280832K
K4S281632K
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
--
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
(VDD = 3.3V, TA = 23°C, f = 1MHz, VREF =1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Clock
CCLK
2.5
3.5
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
2.5
3.8
pF
Address
CADD
2.5
3.8
pF
(x8 : DQ0 ~ DQ7), (x16 : DQ0 ~ DQ15)
COUT
4.0
6.0
pF
8.0 Absolute Maximum Ratings
9.0 DC Operating Conditions
10.0 Capacitance


Similar Part No. - K4S281632K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632K SAMSUNG-K4S281632K Datasheet
153Kb / 8P
   SDRAM Product Guide
K4S281632K SAMSUNG-K4S281632K Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4S281632K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280432F SAMSUNG-K4S280432F Datasheet
142Kb / 14P
   128Mb F-die SDRAM Specification
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
   128Mb SDRAM
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
logo
Elpida Memory
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com