Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

377US040XO15AT Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 377US040XO15AT
Description  Composite Fiber-Optic Strain-Relief Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

377US040XO15AT Datasheet(HTML) 1 Page - Glenair, Inc.

  377US040XO15AT Datasheet HTML 1Page - Glenair, Inc. 377US040XO15AT Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-42
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
377-040
Composite Fiber-Optic Strain-Relief Backshell
with Cable Alignment Grommet
and Self-Locking Rotatable Coupling
U.S. PATENT NO. 6358077
Wrench Flats
Adapter
H
J
1.440
(36.6)
Max
2.000
(50.8)
.440 (11.2)
Shrink Boot or
Sleeve Groove
Accommodates
600-052-1 Band
Anti-Decoupling Device
O-ring
F
E
G
1.000 (25.4) R
H
Nut
Wrench Flats
Strain-Relief
Grommet
Grommet
Keys
.12 (3.0) Dia.,
K Places, Accommodates
16 Gage Contacts With
.07 (1.8) to .11 (2.8)
Diameter Fiber Cable
Connector
Designator
H and U
377 H S 040 XM 19 A T
Connector
Shell Size
(See Table II)
Shrink Boot Option
(Omit for none)
Strain Relief Style
A - Banding Adapter
N - Nut
Product Series
377 - Fiber Optic Strain Relief
Basic Part
Number
Angle and Profile
S - Straight
W - 90° Elbow
Finish Symbol
(See Table III)
CONNECTOR DESIGNATOR:
H MIL-DTL-38999 Series III and IV
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 377US040XO15AT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377US041XB11KT GLENAIR-377US041XB11KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
377US041XB13KT GLENAIR-377US041XB13KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
377US041XB15KT GLENAIR-377US041XB15KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
377US041XB17KT GLENAIR-377US041XB17KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
377US041XB19KT GLENAIR-377US041XB19KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
More results

Similar Description - 377US040XO15AT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
   Fiber-Optic Strain-Relief Backshell
377-040 GLENAIR-377-040 Datasheet
403Kb / 2P
   Composite Strain-Relief Backshell
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
   Strain Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
   Strain Relief Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com