Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

287-035TF3PB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 287-035TF3PB
Description  High Density Glass-Sealed D-Subminiature Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

287-035TF3PB Datasheet(HTML) 1 Page - Glenair, Inc.

  287-035TF3PB Datasheet HTML 1Page - Glenair, Inc. 287-035TF3PB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-20
H
SHELL
STYLE "B"
SHELL
STYLE "A"
.335
.316
.161
MAX
.238
MAX
H
H
K
R.062
TYP
25° TYP
EYELETS
INSERT ARRANGEMENT SHOWN
ARE FOR REFERENCE ONLY
10°
TYP
ø.030 ±.0005
E
G
C
A
#4-40 UNC-2B
x .125 MIN
FULL THREAD
D
B
TERMINATION
VIEW
ENGAGEMENT
VIEW
F
ø.030 ±.0005
K
287-035
MIL-DTL-24308/9 Type Hermetic High Density
Glass-Sealed D-Subminiature Connector
Class
FT = Fused Tin
Z1 = Passivated
ZL = Nickel Plated
Shell Size
Basic
Number
Shell Type
A = Straight Flange
B = Integral Jackpost
Contact Style
(Pin Only)
P = Solder Cup
X = Eyelet
287-035
FT
1
P
A
APPLICATION NOTES
1.
To be identified with manufacturer’s name, part number and
date code, space permitting.
2.
Contact Style: Eyelet or solder cup (see part development).
3.
Material/Finish:
Shell: FT = Carbon Steel / Fused Tin
Z1 = CRES / Passivated
ZL = CRES / Nickel Plated
Insulators: Glass bead/N.A.
Contacts: Nickel-Iron Alloy / Gold Plated
4.
Metric dimensions (mm) are indicated in parentheses.
5.
Performance:
DWV - 500 VAC Pin-to-Shell
I.R. - 5,000 Megohms Min @ 500 VDC
Hermeticity - <1 x 10-5 scc He/sec @ 1
atmosphere differential.
6.
Glenair 287-035 will mate with any QPL MIL-DTL-24308/, /6 and
/23 receptacle of the same size and arrangement.


Similar Part No. - 287-035TF3PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
More results

Similar Description - 287-035TF3PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
280-013 GLENAIR-280-013 Datasheet
471Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature High Density Connector
287-018 GLENAIR-287-018 Datasheet
368Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-035 GLENAIR-287-035 Datasheet
371Kb / 2P
   Glass-Sealed D-Subminiature Connector
287-018 GLENAIR-287-018 Datasheet
462Kb / 2P
   Glass-Sealed D-Subminiature Connector
280-006 GLENAIR-280-006 Datasheet
491Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
280-006 GLENAIR-280-006 Datasheet
369Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Glenair, Inc.
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
   Glass-Sealed D-Subminiature Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com