Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S561632J Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S561632J
Description  256Mb J-die SDRAM Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561632J Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S561632J Datasheet HTML 5Page - Samsung semiconductor K4S561632J Datasheet HTML 6Page - Samsung semiconductor K4S561632J Datasheet HTML 7Page - Samsung semiconductor K4S561632J Datasheet HTML 8Page - Samsung semiconductor K4S561632J Datasheet HTML 9Page - Samsung semiconductor K4S561632J Datasheet HTML 10Page - Samsung semiconductor K4S561632J Datasheet HTML 11Page - Samsung semiconductor K4S561632J Datasheet HTML 12Page - Samsung semiconductor K4S561632J Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Synchronous DRAM
Rev. 1.22 August 2008
K4S560432J
K4S560832J
K4S561632J
9 of 15
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
75
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
70
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
2
mA
ICC2PS CKE & CLK ≤ VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
15
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3PS CKE & CLK ≤ VIL(max), tCC = ∞
5
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
28
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
20
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4banks Activated.
tCCD = 2CLKs
110
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
160
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C3
mA
3
L1.5
mA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S5604(08)32J-UC
4. K4S5604(08)32J-UL
5. Unless otherwise noticed, input swing level is CMOS(VIH /VIL=VDDQ/VSSQ).
Notes :
11.0 DC Characteristics (x4, x8)


Similar Part No. - K4S561632J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561632J SAMSUNG-K4S561632J Datasheet
153Kb / 8P
   SDRAM Product Guide
K4S561632J SAMSUNG-K4S561632J Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4S561632J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H56038D-TC SAMSUNG-K4H56038D-TC Datasheet
168Kb / 18P
   256Mb D-die DDR400 SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com