Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-034-6-15PCA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-034-6-15PCA
Description  Micro-D Filter Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-034-6-15PCA Datasheet(HTML) 1 Page - Glenair, Inc.

  240-034-6-15PCA Datasheet HTML 1Page - Glenair, Inc. 240-034-6-15PCA Datasheet HTML 2Page - Glenair, Inc. 240-034-6-15PCA Datasheet HTML 3Page - Glenair, Inc. 240-034-6-15PCA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D-16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
D
240-034
Micro-D Filter Connectors
Right Angle Printed Circuit Board
�#2-56 UNC-2B THREADS
A
B
C
D
E
TAIL LENGTH ±
.015 (0.38)
Right Angle Board Mount Filtered Micro-D's. These
connectors feature low-pass EMI filtering in a right
angle header for PCB termination.
.100" x .100" Board Spacing—These connectors are
similar to “CBR” style Micro-D's and share the same
board footprint, allowing retrofit to existing boards.
Shell Finish
(See Table I)
Filter Connector
Product Code
Micro-D Right Angle PCB
Basic Part Number
Number of Contacts
9, 15, 21, 25, 31, 37
Filter Class
A, B, C, D, E, F or G
(See Table II)
Contact Type
P - Pin
S - Socket
Filter Type
P - Pi Circuit
C - C Circuit
240 - 034 - 2 - 37 S
P E PU - .080
PC Tail Length (Inches)
.080, .110, .125,
.150, .190, .250
Hardware Option
NN - No Jackpost, No Threaded Insert
PN - Jackpost, No Threaded Insert
NU - Threaded Insert Only, No Jackposts
PU - Jackpost and Threaded Insert
Rear Panel Jackposts with Threaded Insert:
R6U - 0.125" (3.2) Panel
R5U - 0.094" (2.4) Panel
R4U - 0.062" (1.6) Panel
R3U - 0.047" (1.2) Panel
R2U - 0.031" (0.8) Panel
2X MOUNTING HOLES .096 DIA. ± .003 (2.44 ± 0.08)
OR OPTIONAL #2-56 UNC 2B THREADED INSERTS
H
J
CONFIGURATION FOR 31-37 CONTACTS
CONFIGURATION FOR 9-25 CONTACTS
2X MOUNTING HOLES.096 DIA. ± .003 (2.44 ± 0.08)
OR OPTIONAL 2-26 UNC 2B THREADED INSERTS
F
J
H
PI FILTER 1.205 (30.61) MAX
C FILTER .865 (21.97) MAX
.335 (8.51)
MAX
PI FILTER 1.300 (33.02) MAX
C FILTER .960 (24.38) MAX
.430 (10.92)
MAX


Similar Part No. - 240-034-6-15PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-034-6-15PC GLENAIR-240-034-6-15PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
More results

Similar Description - 240-034-6-15PCA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
   Micro-D Filter Connectors Solder Cup
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com