Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310-035FH001Z108D09 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 310-035FH001Z108D09
Description  O-Ring Sealed Shrink Boot Adapter Rotatable Coupling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

310-035FH001Z108D09 Datasheet(HTML) 2 Page - Glenair, Inc.

  310-035FH001Z108D09 Datasheet HTML 1Page - Glenair, Inc. 310-035FH001Z108D09 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
H-9
H
310-001
O-Ring Sealed Shrink Boot Adapter
Rotatable Coupling - Standard Profile
APPLICATION NOTES
1. See shrink boot reference information (Page G-5).
2. O-Rings not supplied with drain hole option.
3. O-Rings not supplied with Connector Designators A and G.
4. Metric dimensions (mm) indicated in parentheses.
TABLE III: CABLE ENTRY AND SHRINK BOOT
Connector
Designator
F
Connector
Designator
H
E
Max
F
Max
Cable
Entry
Min
Shrink Boot*
08
09
.533 (13.5)
.940 (23.9)
.250 (6.4)
770-003S102
10
11
.605 (15.4)
.940 (23.9)
.355 (9.0)
770-001S103
12
13
.774 (19.7)
.940 (23.9)
.491 (12.5)
770-001S103
14
15
.838 (21.3)
.940 (23.9)
.565 (14.4)
770-001S103
16
17
.963 (24.5)
.940 (23.9)
.690 (17.5)
770-001S104
18
19
1.042 (26.5)
.940 (23.9)
.769 (19.5)
770-001S104
20
21
1.217 (30.9)
.940 (23.9)
.894 (22.7)
770-001S106
22
23
1.355 (34.4)
.940 (23.9) 1.019 (25.9)
770-001S107
24
25
1.443 (36.7)
.940 (23.9) 1.134 (28.8)
770-001S107
28
29
1.709 (43.4)
.940 (23.9) 1.369 (34.8)
770-001S108
32
33
1.919 (48.7) 1.005 (25.5) 1.615 (41.0)
770-001S108
TABLE IV: BACKSHELL DIMENSIONS
Connector
Designator
F
Connector
Designator
H
G
Max
H
Max
J
Max
K
Max
08
09
.639 (16.2)
810 (20.6)
.750 (19.1)
.920 (23.4)
10
11
.664 (16.9)
.840 (21.3)
.810 (20.6)
.980 (24.9)
12
13
.688 (17.5)
.860 (21.8)
.870 (22.1) 1.040 (26.4)
14
15
.705 (17.9)
.890 (22.6)
.920 (23.4) 1.110 (28.2)
16
17
.732 (18.6)
.910 (23.1)
.980 (24.9) 1.170 (29.7)
18
19
.748 (19.0)
.920 (23.4) 1.020 (25.9) 1.190 (30.2)
20
21
.773 (19.6)
.940 (23.9) 1.080 (27.4) 1.250 (31.8)
22
23
.800 (20.3)
.980 (24.9) 1.140 (29.0) 1.330 (33.8)
24
25
.823 (20.9) 1.010 (25.7) 1.200 (30.5) 1.400 (35.6)
28
29
1.041 (26.4) 1.180 (30.0) 1.480 (37.6) 1.640 (41.7)
32
33
1.092 (27.7) 1.370 (34.8) 1.610 (40.9) 1.880 (47.8)


Similar Part No. - 310-035FH001Z108D09

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
310-030-501-101 EDAC-310-030-501-101 Datasheet
96Kb / 1P
   310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
310-030-501-101 EDAC-310-030-501-101 Datasheet
661Kb / 2P
   310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
310-030-501-102 EDAC-310-030-501-102 Datasheet
97Kb / 1P
   310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
310-030-501-102 EDAC-310-030-501-102 Datasheet
661Kb / 2P
   310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
310-030-501-103 EDAC-310-030-501-103 Datasheet
99Kb / 1P
   310 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 30/60 Pin | 0.460" (11.68mm) Insulator Height
More results

Similar Description - 310-035FH001Z108D09

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
310FS006M GLENAIR-310FS006M Datasheet
308Kb / 1P
   O-Ring Sealed Shrink Boot Adapter
310DH034B GLENAIR-310DH034B Datasheet
86Kb / 2P
   O-Ring Sealed Shrink Boot Adapter
310FS001M GLENAIR-310FS001M Datasheet
95Kb / 2P
   O-Ring Sealed Shrink Boot Adapter
310-001 GLENAIR-310-001 Datasheet
215Kb / 2P
   O-Ring Sealed Shrink Boot Adapter
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM069M08 GLENAIR-440AM069M08 Datasheet
51Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Full Radius Profile
M85049-49-59A12 GLENAIR-M85049-49-59A12 Datasheet
72Kb / 1P
   Shrink Boot Adapter
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com