Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-027FT20-3CX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-027FT20-3CX
Description  Bayonet Coupling Jam-Nut Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-027FT20-3CX Datasheet(HTML) 1 Page - Glenair, Inc.

  230-027FT20-3CX Datasheet HTML 1Page - Glenair, Inc. 230-027FT20-3CX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-12
E
230-027
MIL-DTL-83723/93 Series III Type Hermetic
Bayonet Coupling Jam-Nut Mount Receptacle
with Straight Pin (All Sizes) or PCB (Size 20 Only) Contacts
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell* and Jam-Nut:
Z1 - Stainless steel/passivated.
FT - Carbon steel/tin plated.
Contacts - 52 Nickel alloy/gold plated.
Bayonets - Stainless steel/passivated.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Glenair 230-027 will mate with any QPL MIL-DTL-83723/75
3.
& 77 Series III bayonet coupling plug of same size, keyway,
and insert polarization.
Performance:
4.
Hermeticity <1 x 10-7 cc He/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory or
MIL-STD-1554.
Insulation resistance - 5000 MegOhms min @ 500VDC.
Consult factory and/or MIL-STD-1554 for arrangement,
5.
keyway, and insert position options.
Consult factory for PC tail footprints.
6.
Metric Dimensions (mm) are indicated in parentheses.
7.
Insert
Arrangement
Per MIL-STD-1554
Series 230
MIL-DTL-83723
Type
230 - 027
FT
12 - 3
P
X
Material
Designation
FT = Carbon Steel/
Tin Plated
Z1 = Stainless Steel/
Passivated
Alternate Insert
Arrangement
W, X, Y, or Z
(Omit for Normal)
Contact Type
C = Straight Pin
PC = Flex Circuit Pin,
Size 20 Only.
Shell
Size
Connector Style
027 = Hermetic Single Hole
Jam-Nut Mount
Receptacle
.280/.220
Typical
Ø C
Min
N Thread
.781
.761
.481
.461
Ø A
B
Ø G
Max
1
2
3
1
2
3
Ø E Max
Resilient
Insert
Ø D
Shell I.D.
Ø F
JJ
Mounting Flat
90°
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.


Similar Part No. - 230-027FT20-3CX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
More results

Similar Description - 230-027FT20-3CX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P_09 Datasheet
450Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com