Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1354C Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1354C
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354C Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1354C Datasheet HTML 7Page - Cypress Semiconductor CY7C1354C Datasheet HTML 8Page - Cypress Semiconductor CY7C1354C Datasheet HTML 9Page - Cypress Semiconductor CY7C1354C Datasheet HTML 10Page - Cypress Semiconductor CY7C1354C Datasheet HTML 11Page - Cypress Semiconductor CY7C1354C Datasheet HTML 12Page - Cypress Semiconductor CY7C1354C Datasheet HTML 13Page - Cypress Semiconductor CY7C1354C Datasheet HTML 14Page - Cypress Semiconductor CY7C1354C Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY7C1354C, CY7C1356C
Document Number: 38-05538 Rev. *K
Page 11 of 32
Partial Write Cycle Description
The following table lists the Partial Write Cycle Description for CY7C1356C.[10, 11, 12, 13]
Function (CY7C1356C)
WE
BWb
BWa
Read
Hx
x
Write – no bytes written
L
H
H
Write byte a
(DQa and DQPa)
LHL
Write byte b – (DQb and DQPb)
LL
H
Write both bytes
L
L
L
Notes
10. X = “Don't Care”, H = Logic HIGH, L = Logic LOW, CE stands for all chip enables active. BWx = L signifies at least one bytewrite select is active, BWx = valid signifies
that the desired byte write selects are asserted, see Write Cycle Description table for details.
11. Write is defined by WE and BWX. See Write Cycle Description table for details.
12. When a write cycle is detected, all I/Os are tri-stated, even during byte writes.
13. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
[+] Feedback


Similar Part No. - CY7C1354C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354C CYPRESS-CY7C1354C Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C-166AXC CYPRESS-CY7C1354C-166AXC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C-166AXI CYPRESS-CY7C1354C-166AXI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C-166BGC CYPRESS-CY7C1354C-166BGC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C-166BGI CYPRESS-CY7C1354C-166BGI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com