Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-024FT14-3PZ Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-024FT14-3PZ
Description  Bayonet Coupling Solder Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-024FT14-3PZ Datasheet(HTML) 2 Page - Glenair, Inc.

  230-024FT14-3PZ Datasheet HTML 1Page - Glenair, Inc. 230-024FT14-3PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-7
E
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish*:
2.
Shell:
Z1 - Stainless steel/passivated
ZL - Stainless steel/Nickel Plated
FT - Carbon steel/tin plated
Contacts - 52 Nickel alloy/gold plated
Bayonets - Stainless steel/passivated
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Glenair 230-024 will mate with any QPL MIL-DTL-83723/75
3.
& 77 Series III bayonet coupling plug of same size, keyway,
and insert polarization.
Performance:
4.
Hermeticity <1 x 10-7 cc He/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory or
MIL-STD-1554.
Insulation resistance - 5000 MegOhms min @ 500VDC.
Consult factory and/or MIL-STD-1554 for arrangement,
5.
keyway, and insert position options.
Metric Dimensions (mm) are indicated in parentheses.
6.
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A
C Dia
Max
D Dia
Shell I.D.
E Dia
Resilient
Insert
F Dia
G Dia
Max
K Dia
Min
Panel
Cut-Out
Ø CC
8
.760/.720
(19.3/18.3)
.500 (12.7)
.433/.428
(11.0/10.9)
.312 (7.9)
.536/.531
(13.6/13.5)
.561 (14.2) .406 (10.3)
.515/.505
(13.1/12.8)
10
.860/.820
(21.8/20.8)
.562 (14.3)
.535/.530
(13.6/13.5)
.388 (9.9)
.659/.654
(16.7/16.6)
.696 (17.7) .443 (11.3)
.582/.572
(14.8/14.5)
12
1.065/1.025
(27.1/26.0)
.750 (19.1)
.705/.700
(17.9/17.8)
.558 (14.2)
.829/.824
(21.1/20.9)
.875 (22.2) .668 (17.0)
.770/.760
(19.6/19.3)
14
1.110/1.070
(28.2/27.2)
.812 (20.6)
.774/.796
(19.7/20.2)
.627 (15.9)
.898/.893
(22.8/22.7)
.935 (23.7) .668 (17.0)
.832/.822
(21.1/20.9)
16
1.230/1.190
(31.2/30.2)
.937 (23.8)
.901/.896
(22.9/22.8)
.772 (19.6)
1.025/1.020
(26.0/25.9) 1.062 (27.0) .763 (19.4)
.958/.948
(24.3/24.1)
18
1.360/1.320
(34.5/33.5)
1.062 (27.0) 1.007/1.002\
(25.6/25.5)
.860 (21.8)
1.131/1.126
(28.7/28.6) 1.187 (30.1) .862 (21.9)
1.082/1.072
(27.5/27.2)
20
1.450/1.410
(36.8/35.8)
1.187 (30.1)
1.132/1.125
(28.8/28.6)
.985 (25.0)
1.256/1.251
(31.9/31.8) 1.312 (33.3) 1.108 (28.1)
1.202/1.192
(30.5/30.3)
22
1.610/1.570
(40.9/39.9)
1.312 (33.3)
1.257/1.252
(31.9/31.8)
1.110 (28.2) 1.381/1.376
(35.1/35.0) 1.437 (36.5) 1.204 (30.6)
1.332/1.322
(33.8/33.6)
24
1.730/1.690
(43.9/42.9)
1.437 (36.5)
1.382/1.377
(35.1/35.0)
1.235 (31.4) 1.506/1.501
(38.3/38.1) 1.562 (39.7) 1.388 (35.3)
1.452/1.442
(36.9/36.6)
230-024
MIL-DTL-83723/80 Series III Type Hermetic
Bayonet Coupling Solder Flange Mount Receptacle
with Solder Cup Terminals
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.


Similar Part No. - 230-024FT14-3PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
More results

Similar Description - 230-024FT14-3PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
433Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
414Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com