Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-035FT20-6PX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-035FT20-6PX
Description  Bayonet Coupling Narrow Flange Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-035FT20-6PX Datasheet(HTML) 1 Page - Glenair, Inc.

  230-035FT20-6PX Datasheet HTML 1Page - Glenair, Inc. 230-035FT20-6PX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-10
D
APPLICATION NOTES
To be identified with manufacturer’s name, part number and
1.
date code, space permitting.
Material/Finish:
2.
Shell: Z1 - 304L stainless steel/passivate.
FT - C1215 stainless steel/tin plated.
Titanium and Inconel® available. Consult factory.
Contacts - 52 Nickel alloy/gold plate.
Bayonets - Stainless steel/passivate.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
Socket insulator - Rigid dielectric/N.A.
Socket Contacts - Copper alloy/gold plated.
Glenair 230-035 will mate with any QPL MIL-DTL-26482
3.
Series I bayonet coupling plug of same size and insert
polarization.
Performance:
4.
Hermeticity - <1 x 10-7 cc/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory
or MIL-STD-1669.
Insulation resistance - 5000 megohms min @500VDC.
Consult factory or MIL-STD-1669 for arrangement and insert
5.
position options.
Metric Dimensions (mm) are indicated in parentheses.
6.
230-035
MIL-DTL-26482 Series I Type Hermetic
Bayonet Coupling Narrow Flange Mount Receptacle
MS3112 Type
Socket
Insulator
Contact
Style "X" & "Z"
A
B
C
D
E
F
Peripheral
Gasket
Interfacial
Seal
Contact
Style "P" & "S"
Vitreous
Insert
F
G
J
.060 Width
Polarizing
Stripe
B
Typ
D
Min
C
Ø H Typ
4 Pl
Master
Polarizing
Keyway
A Max
(Typ)
P
L
Insert
Arrangement
Per MIL-STD-1669
Series 230
MIL-DTL-26482
Type
230 - 035
FT
10 - 6
P
X
Material/Finish
Z1 = Stainless Steel/
Passivated
FT = C1215 Stainless
Steel/Tin Plated
(See Note 2)
Alternate Insert
Arrangement
W, X, Y or Z
(Omit for Normal)
Shell
Size
Connector Style
035 = Narrow Flange Mount
Receptacle
Contact Type
P = Solder Cup, Pin Face
S = Solder Cup, Socket Face
X = Eyelet, Pin Face
Z = Eyelet, Socket Face


Similar Part No. - 230-035FT20-6PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-035 GLENAIR-230-035 Datasheet
260Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
More results

Similar Description - 230-035FT20-6PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-016FT-106P GLENAIR-230-016FT-106P_09 Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-016 GLENAIR-230-016 Datasheet
278Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
260Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-017 GLENAIR-230-017 Datasheet
274Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com